Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9524/PCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9524/PCBZ
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524/PCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9524/PCBZ Datasheet HTML 24Page - Analog Devices AD9524/PCBZ Datasheet HTML 25Page - Analog Devices AD9524/PCBZ Datasheet HTML 26Page - Analog Devices AD9524/PCBZ Datasheet HTML 27Page - Analog Devices AD9524/PCBZ Datasheet HTML 28Page - Analog Devices AD9524/PCBZ Datasheet HTML 29Page - Analog Devices AD9524/PCBZ Datasheet HTML 30Page - Analog Devices AD9524/PCBZ Datasheet HTML 31Page - Analog Devices AD9524/PCBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
AD9524
Data Sheet
Rev. E | Page 28 of 56
SDA
MSB
ACKNOWLEDGE FROM
SLAVE-RECEIVER
ACKNOWLEDGE FROM
SLAVE-RECEIVER
SCL
S
P
1
2
8
9
1
2
8
3 TO 7
3 TO 7
9
10
Figure 32. Acknowledge Bit
SDA
MSB = 0
ACKNOWLEDGE FROM
SLAVE-RECEIVER
ACKNOWLEDGE FROM
SLAVE-RECEIVER
SCL
S
P
1
2
8
9
1
2
8
3 TO 7
3 TO 7
9
10
Figure 33. Data Transfer Process (Master Write Mode, 2-Byte Transfer Used for Illustration)
SDA
ACKNOWLEDGE FROM
MASTER-RECEIVER
NO ACKNOWLEDGE
FROM
SLAVE-RECEIVER
SCL
S
P
1
2
8
9
1
2
8
3 TO 7
3 TO 7
9
10
MSB = 1
Figure 34. Data Transfer Process (Master Read Mode, 2-Byte Transfer Used for Illustration)
The acknowledge bit is the ninth bit attached to any 8-bit data byte.
An acknowledge bit is always generated by the receiving device
(receiver) to inform the transmitter that the byte has been received.
It is accomplished by pulling the SDA line low during the ninth
clock pulse after each 8-bit data byte.
The no acknowledge bit is the ninth bit attached to any 8-bit data
byte. A no acknowledge bit is always generated by the receiving
device (receiver) to inform the transmitter that the byte has not
been received. It is accomplished by leaving the SDA line high
during the ninth clock pulse after each 8-bit data byte.
Data Transfer Process
The master initiates data transfer by asserting a start condition.
This indicates that a data stream follows. All I2C slave devices
connected to the serial bus respond to the start condition.
The master then sends an 8-bit address byte over the SDA line,
consisting of a 7-bit slave address (MSB first), plus an R/W bit.
This bit determines the direction of the data transfer, that is,
whether data is written to or read from the slave device
(0 = write, 1 = read).
The peripheral whose address corresponds to the transmitted
address responds by sending an acknowledge bit. All other
devices on the bus remain idle while the selected device waits
for data to be read from or written to it. If the R/W bit is 0, the
master (transmitter) writes to the slave device (receiver). If the R/W
bit is 1, the master (receiver) reads from the slave device (trans-
mitter). The format for these commands is described in the
Data Transfer Format section.
Data is then sent over the serial bus in the format of nine clock
pulses: one data byte (eight bits) from either master (write mode)
or slave (read mode), followed by an acknowledge bit from the
receiving device. The number of bytes that can be transmitted per
transfer is unrestricted. In write mode, the first two data bytes
immediately after the slave address byte are the internal memory
(control registers) address bytes with the high address byte first.
This addressing scheme gives a memory address of up to 216 − 1 =
65,535. The data bytes after these two memory address bytes are
register data written into the control registers. In read mode, the
data bytes after the slave address byte are register data read from
the control registers. A single I2C transfer can contain multiple data
bytes that can be read from or written to control registers whose
address is automatically incremented starting from the base
memory address.
When all data bytes are read or written, stop conditions are
established. In write mode, the master (transmitter) asserts a stop
condition to end data transfer during the 10th clock pulse following
the acknowledge bit for the last data byte from the slave device
(receiver). In read mode, the master device (receiver) receives the
last data byte from the slave device (transmitter) but does not pull
it low during the ninth clock pulse. This is known as a no acknowl-
edge bit. Upon receiving the no acknowledge bit, the slave device
knows that the data transfer is finished and releases the SDA line.
The master then takes the data line low during the low period
before the 10th clock pulse and high during the 10th clock pulse
to assert a stop condition.
A repeated start (Sr) condition can be used in place of a stop
condition. Furthermore, a start or stop condition can occur at
any time, and partially transferred bytes are discarded.
For an I2C data write transfer containing multiple data bytes,
the peripheral drives a no acknowledge for the data byte that
follows a write to Register 0x234, thereby ending the I2C transfer.
For an I2C data read transfer containing multiple data bytes,
the peripheral drives data bytes of 0x00 for subsequent reads that
follow a read from Register 0x234.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com