Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2139ACBZ-1.2-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2139ACBZ-1.2-R7
Description  Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2139ACBZ-1.2-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2139ACBZ-1.2-R7 Datasheet HTML 6Page - Analog Devices ADP2139ACBZ-1.2-R7 Datasheet HTML 7Page - Analog Devices ADP2139ACBZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP2139ACBZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP2139ACBZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP2139ACBZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP2139ACBZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP2139ACBZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP2139ACBZ-1.2-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADP2138/ADP2139
Data Sheet
Rev. C | Page 10 of 20
CH1
1.00V Ω
CH4 5.00V
CH2 500mA Ω
M 40.0µs
A CH3
2.50V
T 10.40%
CH3 5.00V
T
4
1
1
1
3
2
SW
VOUT
IIN
EN
Figure 27. Startup, VOUT = 0.8 V, IOUT = 10 mA
CH1
5.00V Ω
CH4 5.00V
CH2 500mA Ω
M 40.0µs
A CH3
2.50V
T 10.40%
CH3 5.00V
T
4
1
1
1
3
2
SW
VOUT
IIN
EN
Figure 28. Startup, VOUT = 3.3 V, IOUT = 10 mA
T
4
4
1
1
2
A CH1
3.80mV
M 1.00µs
T 50.00%
CH1 10.0mV
Ω
CH4 2.00V
CH2
500mA Ω
SW
VOUT
IL
Figure 29. Typical Waveform, VOUT = 1.8 V, PSM Mode, IOUT = 10 mA
T
4
1
1
2
A CH4
1.32V
M 40.0µs
T 50.00%
CH1 10.0mV
Ω
CH2 500mA
Ω
CH4 2.00V
SW
VOUT
IL
Figure 30. Typical Waveform, VOUT = 1.8 V, PWM Mode, IOUT = 200 mA
CH1 100mV
CH4 2.00V
M 40.0µs
A CH3
1.36V
T 29.60%
CH3 2.00V
T
4
1
1
1
3
SW
MODE
VOUT
Figure 31. Mode Transition from PSM to PWM to PSM, VOUT = 1.8 V
130
120
100
110
90
80
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
IOUT (A)
1.8V, VIN = 5.5V, AUTO
1.8V, VIN = 3.6V, AUTO
1.8V, VIN = 2.3V, AUTO
1.8V, VIN = 5.5V, PWM
1.8V, VIN = 3.6V, PWM
1.8V, VIN = 2.3V, PWM
Figure 32. VOUT Peak-to-Peak Ripple vs. Output Current, VOUT = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com