Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628 Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC16F628
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628 Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC16F628 Datasheet HTML 94Page - Microchip Technology PIC16F628 Datasheet HTML 95Page - Microchip Technology PIC16F628 Datasheet HTML 96Page - Microchip Technology PIC16F628 Datasheet HTML 97Page - Microchip Technology PIC16F628 Datasheet HTML 98Page - Microchip Technology PIC16F628 Datasheet HTML 99Page - Microchip Technology PIC16F628 Datasheet HTML 100Page - Microchip Technology PIC16F628 Datasheet HTML 101Page - Microchip Technology PIC16F628 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 170 page
background image
PIC16F62X
DS40300C-page 96
Preliminary
 2003 Microchip Technology Inc.
14.5
Power-on Reset (POR), Power-up
Timer (PWRT), Oscillator Start-up
Timer (OST) and Brown-out Detect
(BOD)
14.5.1
POWER-ON RESET (POR)
The on-chip POR circuit holds the chip in RESET until
V
DD has reached a high enough level for proper
operation. To take advantage of the POR, just tie the
MCLR pin through a resistor to V
DD. This will eliminate
external RC components usually needed to create
Power-on Reset. A maximum rise time for V
DD is
required. See Electrical Specifications for details.
The POR circuit does not produce an internal RESET
when V
DD declines.
When the device starts normal operation (exits the
RESET condition), device operating parameters (volt-
age, frequency, temperature, etc.) must be met to
ensure operation. If these conditions are not met, the
device must be held in RESET until the operating
conditions are met.
For additional information, refer to Application Note
AN607, “Power-up Trouble Shooting”.
14.5.2
POWER-UP TIMER (PWRT)
The PWRT provides a fixed 72 ms (nominal) timeout
on power-up only, from POR or Brown-out Detect
Reset. The PWRT operates on an internal RC oscilla-
tor. The chip is kept in RESET as long as PWRT is
active. The PWRT delay allows the V
DD to rise to an
acceptable level. A configuration bit, PWRTE can
disable (if set) or enable (if cleared or programmed) the
PWRT. The PWRT should always be enabled when
Brown-out Detect Reset is enabled.
The Power-Up Time delay will vary from chip to chip
and due to V
DD, temperature and process variation.
See DC parameters for details.
14.5.3
OSCILLATOR START-UP TIMER
(OST)
The OST provides a 1024 oscillator cycle (from OSC1
input) delay after the PWRT delay is over. This ensures
that the crystal oscillator or resonator has started and
stabilized.
The OST timeout is invoked only for XT, LP and HS
modes and only on Power-on Reset or wake-up from
SLEEP.
14.5.4
BROWN-OUT DETECT (BOD)
RESET
The PIC16F62X members have on-chip BOD circuitry.
A configuration bit, BODEN, can disable (if clear/
programmed) or enable (if set) the BOD Reset circuitry.
If V
DD falls below VBOD for longer than TBOD, the
brown-out situation will RESET the chip. A RESET is
not guaranteed to occur if V
DD falls below VBOD for
shorter than T
BOD. VBOD and TBOD are defined in
Table 17-1 and Table 17-6, respectively.
On any RESET (Power-on, Brown-out, Watchdog, etc.)
the chip will remain in RESET until V
DD rises above
V
BOD. The Power-up Timer will now be invoked and will
keep the chip in RESET an additional 72 ms.
If V
DD drops below VBOD while the Power-up Timer is
running, the chip will go back into a Brown-out Detect
Reset and the Power-up Timer will be re-initialized.
Once V
DD rises above VBOD, the Power-Up Timer will
execute a 72 ms RESET. The Power-up Timer should
always be enabled when Brown-out Detect is enabled.
Figure 14-7 shows typical Brown-out situations.
FIGURE 14-7:
BROWN-OUT SITUATIONS
72 MS
V
BOD
V
DD
INTERNAL
RESET
V
BOD
V
DD
INTERNAL
RESET
72 MS
<72 MS
72 MS
V
BOD
V
DD
INTERNAL
RESET
≥ TBOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com