Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F628A-IP Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F628A-IP
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-IP Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F628A-IP Datasheet HTML 5Page - Microchip Technology PIC16F628A-IP Datasheet HTML 6Page - Microchip Technology PIC16F628A-IP Datasheet HTML 7Page - Microchip Technology PIC16F628A-IP Datasheet HTML 8Page - Microchip Technology PIC16F628A-IP Datasheet HTML 9Page - Microchip Technology PIC16F628A-IP Datasheet HTML 10Page - Microchip Technology PIC16F628A-IP Datasheet HTML 11Page - Microchip Technology PIC16F628A-IP Datasheet HTML 12Page - Microchip Technology PIC16F628A-IP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 180 page
background image
© 2009 Microchip Technology Inc.
DS40044G-page 9
PIC16F627A/628A/648A
2.0
PIC16F627A/628A/648A
DEVICE VARIETIES
A variety of frequency ranges and packaging options
are available. Depending on application and production
requirements, the proper device option can be selected
using the information in the PIC16F627A/628A/648A
Product Identification System, at the end of this data
sheet. When placing orders, please use this page of
the data sheet to specify the correct part number.
2.1
Flash Devices
Flash devices can be erased and re-programmed
electrically. This allows the same device to be used for
prototype development, pilot programs and production.
A further advantage of the electrically erasable Flash is
that it can be erased and reprogrammed in-circuit, or by
device programmers, such as Microchip’s PICSTART®
Plus or PRO MATE® II programmers.
2.2
Quick-Turnaround-Production
(QTP) Devices
Microchip offers a QTP Programming Service for
factory production orders. This service is made
available for users who chose not to program a medium
to high quantity of units and whose code patterns have
stabilized. The devices are standard Flash devices, but
with all program locations and configuration options
already programmed by the factory. Certain code and
prototype
verification
procedures
apply
before
production shipments are available. Please contact
your Microchip Technology sales office for more
details.
2.3
Serialized Quick-Turnaround-
Production (SQTPSM) Devices
Microchip offers a unique programming service where
a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers may be random,
pseudo-random or
sequential.
Serial programming allows each device to have a
unique number, which can serve as an entry-code,
password or ID number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com