Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ64GA006 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC24FJ64GA006
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA006 Datasheet(HTML) 2 Page - Microchip Technology

  PIC24FJ64GA006 Datasheet HTML 1Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 2Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 3Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 4Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 5Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 6Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 7Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 8Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
PIC24FJXXXGA0XX
DS39768D-page 2
© 2008 Microchip Technology Inc.
The regulator provides power to the core from the other
VDD pins. A low-ESR capacitor (such as tantalum) must
be connected to the VDDCORE pin (Figure 2-2 and
Figure 2-3). This helps to maintain the stability of the
regulator. The specifications for core voltage and capac-
itance are listed in Section 7.0 “AC/DC Characteristics
and Timing Requirements”.
FIGURE 2-2:
CONNECTIONS FOR THE
ON-CHIP REGULATOR
(64/80/100-PIN DEVICES)
FIGURE 2-3:
CONNECTIONS FOR THE
ON-CHIP REGULATOR
(28/44-PIN DEVICES)
VDD
ENVREG
VDDCORE/VCAP
VSS
PIC24FJXXXGA0XX
CEFC
3.3V
Regulator Enabled (ENVREG tied to VDD):
(10
μF typ)
Note 1: These are typical operating voltages. Refer
to Section 7.0 “AC/DC Characteristics and
Timing Requirements” for the full operating
ranges of VDD and VDDCORE.
VDD
ENVREG
VDDCORE/VCAP
VSS
PIC24FJXXXGA0XX
3.3V(1)
2.5V(1)
Regulator Disabled (ENVREG tied to ground):
VDD
ENVREG
VDDCORE/VCAP
VSS
PIC24FJXXXGA0XX
2.5V(1)
Regulator Disabled (VDD tied to VDDCORE):
VDD
DISVREG
VDDCORE/VCAP
VSS
PIC24FJXXXGA0XX
3.3V(1)
2.5V(1)
Regulator Disabled (DISVREG tied to VDD):
VDD
DISVREG
VDDCORE/VCAP
VSS
PIC24FJXXXGA0XX
2.5V(1)
Regulator Disabled (VDD tied to VDDCORE):
VDD
DISVREG
VDDCORE/VCAP
VSS
PIC24FJXXXGA0XX
CEFC
3.3V
(10
μF typ)
Regulator Enabled (DISVREG tied to VSS):
Note 1: These are typical operating voltages. Refer
to Section 7.0 “AC/DC Characteristics and
Timing Requirements” for the full operating
ranges of VDD and VDDCORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com