Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXP42X Datasheet(PDF) 39 Page - Intel Corporation

Part # IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Datasheet(HTML) 39 Page - Intel Corporation

Back Button IXP42X Datasheet HTML 35Page - Intel Corporation IXP42X Datasheet HTML 36Page - Intel Corporation IXP42X Datasheet HTML 37Page - Intel Corporation IXP42X Datasheet HTML 38Page - Intel Corporation IXP42X Datasheet HTML 39Page - Intel Corporation IXP42X Datasheet HTML 40Page - Intel Corporation IXP42X Datasheet HTML 41Page - Intel Corporation IXP42X Datasheet HTML 42Page - Intel Corporation IXP42X Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Functional Signal Descriptions
Datasheet
39
Power
Table 12.
UART Interfaces
Name
Power
On
Reset†
Reset† Type†
Description
RXDATA0
Z
VI
I
UART serial data input to High-Speed UART Pins.
Should be pulled low through a 10-K
Ω resistor when not being utilized in the
system.
TXDATA0
Z
VO
O
UART serial data output. The TXD signal is set to the MARKING (logic 1) state
upon a reset operation. High-Speed Serial UART Pins.
CTS0_N
H
VI/PE
I
UART CLEAR-TO-SEND input to High-Speed UART Pins.
When logic 0, this pin indicates that the modem or data set connected to the
UART interface of the processor is ready to exchange data. The CTS_N signal is
a modem status input whose condition can be tested by the processor.
Should be pulled high through a 10-K
Ω resistor when not being utilized in the
system.
RTS0_N
H
VO/PE
O
UART REQUEST-TO-SEND output:
When logic 0, this informs the modem or the data set connected to the UART
interface of the processor that the UART is ready to exchange data. A reset sets
the request to send signal to logic 1.
LOOP-mode operation holds this signal in its inactive state (logic 1). High-Speed
UART Pins.
RXDATA1
Z
VI
I
UART serial data input.
Should be pulled low through a 10-K
Ω resistor when not being utilized in the
system.
TXDATA1
Z
VO
O
UART serial data output. The TXD signal is set to the MARKING (logic 1) state
upon a Reset operation. Console UART Pins.
CTS1_N
H
VI/PE
I
UART CLEAR-TO-SEND input to Console UART pins.
When logic 0, this pin indicates that the modem or data set connected to the
UART interface of the processor is ready to exchange data. The CTS_N signal is
a modem status input whose condition can be tested by the processor.
Should be pulled high through a 10-K
Ω resistor when not being utilized in the
system.
RTS1_N
H
VO/PE
O
UART REQUEST-TO-SEND output:
When logic 0, this informs the modem or the data set connected to the UART
interface of the processor that the UART is ready to exchange data. A reset sets
the request to send signal to logic 1.
LOOP-mode operation holds this signal in its inactive state (logic 1). Console
UART Pins.
†
For a legend of the Type codes, see Table 4 on page 30.
Table 13.
USB Interface
Name
Power
On
Reset†
Reset†
Type†
Description
USB_DPOS
Z
Z
I/O
Positive signal of the differential USB receiver/driver.
USB_DNEG
Z
Z
I/O
Negative signal of the differential USB receiver/driver.
†
For a legend of the Type codes, see Table 4 on page 30.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com