Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSDC1BA Datasheet(PDF) 2 Page - Honeywell Accelerometers

Part # CSDC1BA
Description  Interactive Catalog Replaces Catalog Pages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

CSDC1BA Datasheet(HTML) 2 Page - Honeywell Accelerometers

  CSDC1BA Datasheet HTML 1Page - Honeywell Accelerometers CSDC1BA Datasheet HTML 2Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Sensors
CS Series
Digital Current Sensors
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
57
FEATURES
Digital output
AC or DC current sensing
Through-hole design
Output voltage isolation from input
Minimum energy dissipation
Maximum current limited only by
conductor size
Accurate, low cost sensing
Operating temperature range –25 to
85°C
Digital Current Sensors
Each MICRO SWITCH CS series digital
current sensor provides a logic level out-
put that changes from approximately Vcc
to 0.4 volts when the sensed current ex-
ceeds the operate point. Each digital sen-
sor will operate on AC or DC current, but
the output will turn off at every zero cross-
ing when sensing AC current. Housing
material: PET polyester.
DIGITAL CURRENT DETECTORS ORDER GUIDE, SINKING OUTPUT
Operate
Operate
Release
Output
Current
Current
Current
Supply
Output
Current
Response
Catalog
Pinout @ 25°C–25°Cto +85°C–25°Cto +85°C
Volt.
Volt.
(mA)
Time
Listings
Style
(Amp-Turns)
(Amp-Turns)
(Amp-Turns Min.)
(Volts DC) (Volts)
Sinking
(µ Sec.)
Min.
Nom. Max.
CSDA1BA
2
0.32
0.50
0.88
.25 to 1.0
0.08
6 to 16
0.4
20mA
100
CSDA1BC
2
2.2
3.5
6.5
1.7 to 7.5
0.60
6 to 16
0.4
20mA
100
CSDC1BA
2
0.32
0.50
0.88
.25 to 1.0
0.08
5 ± 0.2
0.4
20mA
100
CSDC1BC
2
2.2
3.5
6.5
1.7 to 7.5
0.60
5 ± 0.2
0.4
20mA
100
CSDA1AA
1
0.32
0.50
0.88
.25 to 1.0
0.08
6 to 16
0.4
20mA
100
CSDA1AC
1
2.2
3.5
6.5
1.7 to 7.5
0.60
6 to 16
0.4
20mA
100
CSDC1AA
1
0.32
0.50
0.88
.25 to 1.0
0.08
5 ± 0.2
0.4
20mA
100
CSDC1AC
1
2.2
3.5
6.5
1.7 to 7.5
0.60
5 ± 0.2
0.4
20mA
100
CSDC1DA
3
0.32
0.50
0.88
.25 to 1.0
0.08
5 ± 0.2
0.4
20mA
100
CSDA1DA
3
0.32
0.50
0.88
.25 to 1.0
0.08
6 to 16
0.4
20mA
100
CSDC1DC
3
2.2
3.5
6.5
1.7 to 7.5
0.60
5 ± 0.2
0.4
20mA
100
CSDA1DC
3
2.2
3.5
6.5
1.7 to 7.5
0.60
6 to 16
0.4
20mA
100
MOUNTING DIMENSIONS
(for reference only)
PDFINFO
p a g e - 0 5 7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com