| Electronic Components Datasheet Search |
|
CSR0603 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CSR0603 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 6 page ![]() Rev Date: 11/05/2012 2 www.seielect.com This specification may be changed at any time without prior notice marketing@seielect.com Please confirm technical specifications before you order and/or use. CSR/CSRN Series Thick Film Current Sensing Resistor Stackpole Electronics, Inc. Resistive Product Solutions 0.039 ± 0.002 0.020 ± 0.002 0.013 ± 0.004 0.010 ± 0.004 0.008 ± 0.004 inches 1.00 ± 0.05 0.50 ± 0.05 0.32 ± 0.10 0.25 ± 0.10 0.20 ± 0.10 mm 0.063 ± 0.004 0.031 ± 0.004 0.018 ± 0.004 0.012 ± 0.008 0.012 ± 0.008 inches 1.60 ± 0.10 0.80 ± 0.10 0.45 ± 0.10 0.30 ± 0.20 0.30 ± 0.20 mm 0.079 ± 0.006 0.049 ± 0.006 0.022 ± 0.004 0.012 ± 0.008 0.016 ± 0.010 inches 2.00 ± 0.15 1.25 ± 0.15 0.55 ± 0.10 0.30 ± 0.20 0.40 ± 0.25 mm 0.120 ± 0.006 0.061 ± 0.006 0.022 ± 0.004 0.020 ± 0.012 0.016 ± 0.010 inches 3.05 ± 0.15 1.55 ± 0.15 0.55 ± 0.10 0.50 ± 0.30 0.40 ± 0.25 mm 0.122 ± 0.004 0.102 ± 0.006 0.022 ± 0.004 0.020 ± 0.012 0.020 ± 0.010 inches 3.10 ± 0.10 2.60 ± 0.15 0.55 ± 0.10 0.50 ± 0.30 0.50 ± 0.25 mm 0.079 ± 0.008 0.148 ± 0.008 0.024 ± 0.004 0.016 ± 0.008 0.016 ± 0.008 inches 2.00 ± 0.20 3.75 ± 0.20 0.60 ± 0.10 0.40 ± 0.20 0.40 ± 0.20 mm 0.079 ± 0.008 0.295 ± 0.012 0.024 ± 0.004 0.016 ± 0.008 0.016 ± 0.008 inches 2.00 ± 0.20 7.50 ± 0.30 0.60 ± 0.10 0.40 ± 0.20 0.40 ± 0.20 mm 0.197 ± 0.008 0.100 ± 0.008 0.020 ± 0.006 0.068 ± 0.006 0.067 ± 0.006 inches 5.00 ± 0.20 2.54 ± 0.20 0.50 ± 0.15 1.72 ± 0.15 1.70 ± 0.15 mm 0.197 ± 0.008 0.096 ± 0.006 0.024 ± 0.006 0.024 ± 0.012 0.020 ± 0.010 inches 5.00 ± 0.20 2.45 ± 0.15 0.60 ± 0.15 0.60 ± 0.30 0.50 ± 0.25 mm 0.252 ± 0.008 0.126 ± 0.008 0.020 ± 0.006 0.075 ± 0.006 0.075 ± 0.006 inches 6.40 ± 0.20 3.20 ± 0.20 0.50 ± 0.15 1.90 ± 0.15 1.90 ± 0.15 mm 0.250 ± 0.008 0.124 ± 0.006 0.024 ± 0.004 0.024 ± 0.012 0.022 ± 0.010 inches 6.35 ± 0.20 3.15 ± 0.15 0.60 ± 0.10 0.60 ± 0.30 0.55 ± 0.25 mm 0.122 ± 0.006 0.248 ± 0.006 0.035 ± 0.006 0.024 ± 0.012 0.022 ± 0.010 inches 3.10 ± 0.15 6.30 ± 0.15 0.90 ± 0.15 0.60 ± 0.30 0.55 ± 0.25 mm L Body Length W Body Width H Body Height a Top Termination b CSR1225 CSR0805 CSR1206 CSRN0815 CSRN2010 CSR0830 CSR2010 CSR2512 Type / Code CSRN2512 Unit CSR0402 CSR1210 Bottom Termination CSR0603 Mechanical Specifications |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |