Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR1225 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CSR1225
Description  CSR/CSRN Series Thick Film Current Sensing Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSR1225 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CSR1225 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSR1225 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSR1225 Datasheet HTML 3Page - List of Unclassifed Manufacturers CSR1225 Datasheet HTML 4Page - List of Unclassifed Manufacturers CSR1225 Datasheet HTML 5Page - List of Unclassifed Manufacturers CSR1225 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev Date: 11/05/2012
5
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSR/CSRN Series
Thick Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
13
C
S
R
1
2
0
6
F
T
1
0
L
0
Nominal
Resistance
Tolerance
0.01
1%
Type
Description
Code Wattage
Size
Tolerance
SEI Types
Pkg Qty
Description
Code
CSR
Standard
1/8S
0.125W
0402
1%
0402
10,000
CSRN
Narrow Terminations
1/8
0.125W
0603
2%
0603, 0805, 1206
5,000
1/4
0.25W
0805
5%
2010, 2512
4,000
1/2
0.5W
1206
0815, 1225
2,000
1S
1W
0815
0402
1
1W
2010
0603, 0805, 1206
2
2W
2512
2010, 2512
3
3W
1225
0815, 1225
R
Packaging
CSR
1/2
R
SEI Type
Code
7" reel
paper tape
7" reel
plastic tape
7" reel
paper tape
I
7" reel
plastic tape
1,000
Size
CSR
0402
Code Tol
Code
Quantity
0603
F
1%
10,000
0805
G
2%
5,000
1206
J
5%
4,000
1210
2,000
0815
0830
2010
2512
1225
2010, 2512
7" Reel
Paper Tape
7" Reel
Plastic Tape
0815, 0830, 1225
2W
3W
0.5W
0815, 0830, 1225
2W
0603, 0805, 1206, 1210
1,000
0402
Product Series
Power
Tolerance
Resistance Value
Packaging
0.125W
Standard
Description
Size
0.125W
0603, 0805, 1206, 1210
0.25W
T
0402
7" Reel
Paper Tape
7" Reel
Plastic Tape
0.5W
1 ohm = 1R00
0.051 ohm = 51L0
CSRN
Narrow
Terminations
2010, 2512
Four characters with the
multiplier used as the
decimal holder.
"L" used as multiplier of
10
-3 for any value
under 0.1 ohm
1W
1W
0.35 ohm = R350
K
0
100
-55ºC
70ºC
80
60
40
20
155ºC
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (ºC)
120
140
160
180
Power Derating Curve:
Legacy Part Number (before January 3, 2011):
How to Order



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com