Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSTCE16M0V53-R0 Datasheet(PDF) 17 Page - Murata Manufacturing Co., Ltd.

Part # CSTCE16M0V53-R0
Description  Ceramic Resonator (CERALOCK)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCE16M0V53-R0 Datasheet(HTML) 17 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCE16M0V53-R0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. CSTCE16M0V53-R0 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
15
Note • Please read rating and CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
2. Mechanical and Environmental Specifications of CERALOCK®
The tables show the standard test conditions of mechanical strength and
environmental specifications of CERALOCK®.
Fig. 3-2 shows the changes of oscillation frequency in each test, the table on the
next page shows the criteria after the tests, and Fig. 3-3 shows the reflow
soldering profile.
Test Conditions for Standard Reliability of CERALOCK®
Item
Conditions
1. Shock Resistance
Measure after dropping from a height of
a
cm to
b
floor surface 3 times.
2. Soldering
Heat Resistance
Lead terminals are immersed up to 2.0 mm from the resonator's body in solder bath of
c , and then the resonator shall be
measured after being placed in natural condition for 1 hour.*1
Reflow profile show in Fig. 3-3 of heat stress is applied to the resonator, then the resonator shall be measured after being placed in
natural condition for 1 hour.*2
3. Vibration Resistance
Measure after applying vibration of 10 to 55Hz amplitude of 2 mm to each of 3 directions, X, Y, Z.
4. Humidity Resistance
Keep in a chamber with a temperature of
d
and humidity of 90 to 95% for
e
hours. Leave for 1 hour before measurement.
5. Storage at
High Temperature
Keep in a chamber at 85±2°C for
e
hours. Leave for 1 hour before measurement.
6. Storage at
Low Temperature
Keep in a chamber at
f
°C for
e
hours. Leave for 1 hour before measurement.
7. Temperature Cycling
Keep in a chamber at -55°C for 30 minutes. After leaving at room temperature for 15 minutes, keep in a chamber at +85°C for 30
minutes, and then room temperature for 15 minutes. After 10 cycles of the above, measure at room temperature.
8. Terminal Strength
Apply 1 kg of static load vertically to each terminal and measure.
∗1 Applies to CERALOCK® Lead Type
∗2 Applies to MHz Band Chip CERALOCK®
1. CSTLS Series
Type
G
X
fosc.
03.40—10.00MHz
16.00—50.00MHz
a
100
100
b
concrete
concrete
c
350±10°C
350±10°C
d
60±2°C
60±2°C
e
1000
1000
f
−55±2°C
−55±2°C
2. CSACW Series
Type
X
fosc.
20.01—50.00MHz
a
100
b
wooden plate
c
d
60±2°C
e
1000
f
−55±2°C
3. CSTCC/CSTCR/CSTCE/CSTCW Series
Type
G
V
X
fosc.
02.00—13.99MHz
14.00—20.00MHz
20.01—70.00MHz
a
100
100
100
b
wooden plate
wooden plate
wooden plate
c
d
60±2°C
60±2°C
60±2°C
e
1000
1000
1000
f
−55±2°C
−55±2°C
−55±2°C
3
3
Specifications of CERALOCK®
P17E.pdf
2012.10.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com