Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS75LX Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS75LX
Description  Digital Thermometer and Thermostat with Extended Addressing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS75LX Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS75LX Datasheet HTML 1Page - Dallas Semiconductor DS75LX Datasheet HTML 2Page - Dallas Semiconductor DS75LX Datasheet HTML 3Page - Dallas Semiconductor DS75LX Datasheet HTML 4Page - Dallas Semiconductor DS75LX Datasheet HTML 5Page - Dallas Semiconductor DS75LX Datasheet HTML 6Page - Dallas Semiconductor DS75LX Datasheet HTML 7Page - Dallas Semiconductor DS75LX Datasheet HTML 8Page - Dallas Semiconductor DS75LX Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS1386/DS1386P
2 of 13
ABSOLUTE MAXIMUM RATINGS
Voltage Range on VDD, Relative to Ground
-0.3V to +4.0V
Voltage Range on Any Other Pin, Relative to Ground
-0.3V to +6.0V
Operating Temperature Range
-55°C to +125°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020
These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
The Dallas Semiconductor DS75LX is built to the highest quality standards and manufactured for long-term
reliability. All Dallas Semiconductor devices are made using the same quality materials and manufacturing
methods. However, the DS75LX is not exposed to environmental stresses, such as burn-in, that some industrial
applications require. For specific reliability information on this product, contact the factory in Dallas at (972) 371-
4448.
DC ELECTRICAL CHARACTERISTICS
(1.7V
≤ V
DD ≤ 3.7V, TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Supply Voltage
VDD
(Note 1)
1.7
3.7
V
-25°C to +100°C
±2.0
Thermometer Error
(Note 2)
TERR
-55°C to +125°C
±3.0
°C
Input Logic-High SDA,
SCL
VIH
(Note 3)
0.7 x VDD
VDD + 0.3
V
Input Logic-Low SDA,
SCL
VIL
VSS - 0.3
0.3 x VDD
V
VOL1
3mA sink current
0
0.4
SDA Output Logic-Low
Voltage (Note 3)
VOL2
6mA sink current
0
0.6
V
O.S. Saturation Voltage
VOL
4mA sink current
(Notes 2, 3)
0.8
V
Input Current SDA, SCL
0.4 < VI/O < 0.9VDD
-10
+10
µA
I/O Capacitance
CI/O
10
pF
Address Input Sink
Current
ILAH
A0, A1, or A2 tied to VDD
(Notes 4, 5)
0.2
3.5
µA
Address Input Source
Current
ILAL
A0, A1, or A2 tied to GND
(Notes 4, 5)
0.2
3.5
µA
Address Voltage High
VAH
(Note 6)
VDD - .04
V
Address Voltage Low
VAL
(Note 6)
VSS + .04
V
Standby Current
IDD1
(Notes 4, 5)
13
µA
Active temp conversions
1000
Active Current
(Notes 1, 4, 5)
IDD
Communication only
100
µA
AC ELECTRICAL CHARACTERISTICS
(1.7V
≤ V
DD ≤ 3.7V, TA = -55°C to +125°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution
9
12
Bits
9-bit conversions
25
10-bit conversions
50
11-bit conversions
100
Temperature Conversion
Time
tCONVT
12-bit conversions
200
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com