Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3372EEKAT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3372EEKAT
Description  ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3372EEKAT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3372EEKAT Datasheet HTML 1Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 2Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 3Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 4Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 5Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 6Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 7Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 8Page - Maxim Integrated Products MAX3372EEKAT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MAX3372E–MAX3379E/MAX3390E–MAX3393E
±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad
Low-Voltage Level Translators in UCSP
3
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +1.65V to +5.5V, VL = +1.2V to (VCC + 0.3V), GND = 0, I/O VL_ and I/O VCC_ unconnected, TA = TMIN to TMAX, unless other-
wise noted. Typical values are at VCC = +3.3V, VL = +1.8V, TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
I/O VCC_ Input-Voltage High
VIHC
VCC - 0.4
V
I/O VCC_ Input-Voltage Low
VILC
0.15
V
I/O VL_ Output-Voltage High
VOHL
I/O VL_ source current = 20µA,
I/O VCC_ > VCC - 0.4V
0.67 ✕ VL
V
I/O VL_ Output-Voltage Low
VOLL
I/O VL_ sink current = 20µA,
I/O VCC_ < 0.15V
0.4
V
I/O VCC_ Output-Voltage High
VOHC
I/O VCC_ source current = 20µA,
I/O VL _ > VL - 0.2V
0.67 ✕ VCC
V
I/O VCC_ Output-Voltage Low
VOLC
I/O VCC_ sink current = 20µA,
I/O VL_ < 0.15V
0.4
V
THREE-STATE Input-Voltage
High
VIL-THREE-STATE
VL - 0.2
V
THREE-STATE Input-Voltage
Low
VIL-THREE-STATE
0.15
V
LOGIC-LEVEL THRESHOLDS (MAX3373E–MAX3376E/MAX3378E/MAX3379E and MAX3390E–MAX3393E)
I/O VL_ Input-Voltage High
VIHL
VL - 0.2
V
I/O VL_ Input-Voltage Low
VILL
0.15
V
I/O VCC_ Input-Voltage High
VIHC
VCC - 0.4
V
I/O VCC_ Input-Voltage Low
VILC
0.15
V
I/O VL_ Output-Voltage High
VOHL
I/O VL_ source current = 20µA,
I/O VCC_
≥ VCC - 0.4V
0.67 ✕ VL
V
I/O VL_ Output-Voltage Low
VOLL
I/O VL_ sink current = 1mA,
I/O VCC_
≤ 0.15V
0.4
V
I/O VCC_ Output-Voltage High
VOHC
I/O VCC_ source current = 20µA,
I/O VL_
≥ VL - 0.2V
0.67 ✕ VCC
V
I/O VCC_ Output-Voltage Low
VOLC
I/O VCC_ sink current = 1mA,
I/O VL_
≤ 0.15V
0.4
V
THREE-STATE Input-Voltage
High
VIH-THREE-STATE
VL - 0.2
V
THREE-STATE Input-Voltage
Low
VIL-THREE-STATE
0.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com