Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6331-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6331-T
Description  5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6331-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6331-T Datasheet HTML 1Page - Maxim Integrated Products MAX6331-T Datasheet HTML 2Page - Maxim Integrated Products MAX6331-T Datasheet HTML 3Page - Maxim Integrated Products MAX6331-T Datasheet HTML 4Page - Maxim Integrated Products MAX6331-T Datasheet HTML 5Page - Maxim Integrated Products MAX6331-T Datasheet HTML 6Page - Maxim Integrated Products MAX6331-T Datasheet HTML 7Page - Maxim Integrated Products MAX6331-T Datasheet HTML 8Page - Maxim Integrated Products MAX6331-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MAX6316–MAX6322
5-Pin µP Supervisory Circuits with
Watchdog and Manual Reset
2
Maxim Integrated
ELECTRICAL CHARACTERISTICS
(VCC = 2.5V to 5.5V, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage (with respect to GND)
VCC......................................................................-0.3V to +6V
RESET (MAX6320/MAX6321/MAX6322 only)...... -0.3V to +6V
All Other Pins.........................................-0.3V to (VCC + 0.3V)
Input/Output Current, All Pins .............................................20mA
Continuous Power Dissipation (TA = +70°C)
SOT23 (derate 7.1mW/°C above +70°C)...............571mW
Operating Temperature Range..........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range..............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Leaded Package .........................................................+240°C
Lead-Free Package .....................................................+260°C
Note 1: Overtemperature limits are guaranteed by design, not production tested.
Note 2: A factory-trimmed voltage divider programs the nominal reset threshold (VTH). Factory-trimmed reset thresholds are
available in 100mV increments from 2.5V to 5V (see Table 1 at end of data sheet).
Note 3: Guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
TA = -40°C to +125°C
1.0
5.5
V
VCC = 5.5V
10
20
MAX6316/MAX6317/MAX
6318/MAX6320/MAX6321
VCC = 3.6V
5
12
VCC = 5.5V
3
12
Supply Current
ICC
MAX6319/MAX6322:
MR unconnected
VCC = 3.6V
3
8
µA
Reset Threshold
Temperature Coefficient
∆VTH/°C
40
ppm/°C
TA = +25°C
VTH - 1.5%
VTH
VTH + 1.5%
Reset Threshold (Note 2)
VRST
TA = -40°C to +125°C
VTH - 2.5%
VTH
VTH + 2.5%
V
Reset Threshold Hysteresis
3mV
MAX63_ _ A_-T
1
1.4
2
MAX63_ _ B_-T
20
28
40
MAX63_ _ C_-T
140
200
280
Reset Active Timeout Period
tRP
MAX63_ _ D_-T
1120
1600
2240
ms
VCC to RESET Delay
tRD
VCC falling at 1mV/µs
40
µs
PUSH/PULL RESET OUTPUT (MAX6316L/MAX6317H/MAX6318_H/MAX6319_H/MAX6321HP/MAX6322HP)
VCC
≥ 1.0V, ISINK = 50µA
0.3
VCC
≥ 1.2V, ISINK = 100µA
0.3
VCC
≥ 2.7V, ISINK = 1.2mA
0.3
VOL
VCC
≥ 4.5V, ISINK = 3.2mA
0.4
VCC
≥ 2.7V, ISOURCE = 500µA
0.8 x VCC
RESET Output Voltage
VOH
VCC
≥ 4.5V, ISOURCE = 800µA
VCC - 1.5
V
RESET Rise Time (MAX6316L,
MAX6318LH, MAX6319LH)
tR
Rise time is measured from 10% to 90%
of VCC; CL = 5pF, VCC = 3.3V (Note 3)
525
ns
VCC
≥ 2.7V, ISINK = 1.2mA
0.3
VOL
VCC
≥ 4.5V, ISINK = 3.2mA
0.4
VCC
≥ 1.8V, ISOURCE = 150µA
0.8 x VCC
VCC
≥ 2.7V, ISOURCE = 500µA
0.8 x VCC
RESET Output Voltage
VOH
VCC
≥ 4.5V, ISOURCE = 800µA
VCC - 1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com