Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL4617 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CLL4617
Description  500mW LOW NOISE ZENER DIODE 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4617 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CLL4617 Datasheet HTML 1Page - Central Semiconductor Corp CLL4617 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOD-80 CASE - MECHANICAL OUTLINE
CLL4614
THRU
CLL4627
500mW LOW NOISE ZENER DIODE
5% TOLERANCE
R3 ( 21-August 2001)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com