Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9615 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9615
Description  CAN BUS TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9615 Datasheet(HTML) 5 Page - STMicroelectronics

  L9615 Datasheet HTML 1Page - STMicroelectronics L9615 Datasheet HTML 2Page - STMicroelectronics L9615 Datasheet HTML 3Page - STMicroelectronics L9615 Datasheet HTML 4Page - STMicroelectronics L9615 Datasheet HTML 5Page - STMicroelectronics L9615 Datasheet HTML 6Page - STMicroelectronics L9615 Datasheet HTML 7Page - STMicroelectronics L9615 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
tOTR
tOTR
tOR
tOR
0.5V
0.9V
tOT
tOT
tR
tR
VTX0
VDiff
VRX0
D96AT248
TIMING DIAGRAM
MONITORING
(BIT COMPARISON)
CAN
CONTROLLER
1
CAN
CONTROLLER
2
CAN
TRANSCELVER
1
CAN
TRANSCELVER
2
250Kbit/sec
250Kbit/sec
HP8640
30
Ω
30
Ω
EQUIVALENT TERMINATING
RESISTOR 2 x 120
Ω
PARALLEL AT LINE ENDS
6.8
∝F
6.8
∝F
100
Ω
450
Ω
Ust (Noise signal)
50
Ω
40dB
90%AM, 1KHz
10MHz
1MHz
100MHz
500MHz
1GHz
NOISE RESISTANT
NOT NOISE RESISTANT
L9615
min. request boundary
(automotive industry)
UST
(V)
30VSS
20VSS
10VSS
D96AT249B
EMC PERFORMANCE (RECEIVER)
L9615
5/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com