Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9942XP1 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9942XP1
Description  Integrated stepper motor driver for bipolar stepper motors with microstepping and programmable current profile
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9942XP1 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9942XP1 Datasheet HTML 16Page - STMicroelectronics L9942XP1 Datasheet HTML 17Page - STMicroelectronics L9942XP1 Datasheet HTML 18Page - STMicroelectronics L9942XP1 Datasheet HTML 19Page - STMicroelectronics L9942XP1 Datasheet HTML 20Page - STMicroelectronics L9942XP1 Datasheet HTML 21Page - STMicroelectronics L9942XP1 Datasheet HTML 22Page - STMicroelectronics L9942XP1 Datasheet HTML 23Page - STMicroelectronics L9942XP1 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Electrical specifications
L9942
20/40
Doc ID 11778 Rev 7
3.4.6
PWM control
Figure 8.
Switching on minimum time
Table 13.
PWM control (see Figure 4 and Figure 7)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
fPWM
(1)
Frequency of PWM cycles
Bit: FRE= 1
-
20.8
-
kHz
Bit: FRE= 0
-
31.3
-
kHz
TMD
(1)
Mixed decay switch off delay time
Bits: DM1 DM0= 0 1
-
4
-
µs
Bits: DM1 DM0= 1 0
-
8
-
µs
TFT
(1)
Glitch filter delay time
Bit: FILTER= 0
-
1.5
-
µs
Bit: FILTER= 1
-
2.5
-
µs
Tcc
(1)
TB
(1)
Cross current protection time Blank
time of comparator
Bits: SR1 SR0= 0 0
-
0.5
-
µs
Bits: SR1 SR0= 0 1
-
1
-
µs
Bits: SR1 SR0= 1 0
-
2
-
µs
Bits: SR1 SR0= 1 1
-
4
-
µs
VSR
Slew rate (dV/dt 30 % - 70 %) @HS
switches on resistive load of 10
,
VS = 13.5 V
Bits: SR1 SR0= 0 0
-
13
-
V/µs
Bits: SR1 SR0= 0 1
-
13
-
V/µs
Bits: SR1 SR0= 1 0
-
6
-
V/µs
Bits: SR1 SR0= 1 1
-
6
-
V/µs
1.
This parameter is guaranteed by design.
Time base is an internal trimmed oscillator of typical 2MHz and it has an accuracy of ±6 %.
Internal PWM
clock
20 or 30 kHz
decay
on
Load current
at Qxn
Step limit
T
B
Blank time of current comparator
TCC
T FT
Time
Cross current protection time
CC
T
TCC
T
PWM
TB
T
FT
Filter time of current comparator
Pin PWM
(for bridge A)
TINT _2MHz
e.g. T
B = TCC
T
FT = 1.5 us
= 1 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com