Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR573D Datasheet(PDF) 1 Page - Rohm

Part # 2SCR573D
Description  NPN 3.0A 50V Middle Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR573D Datasheet(HTML) 1 Page - Rohm

  2SCR573D Datasheet HTML 1Page - Rohm 2SCR573D Datasheet HTML 2Page - Rohm 2SCR573D Datasheet HTML 3Page - Rohm 2SCR573D Datasheet HTML 4Page - Rohm 2SCR573D Datasheet HTML 5Page - Rohm 2SCR573D Datasheet HTML 6Page - Rohm 2SCR573D Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SCR573D
NPN 3.0A 50V Middle Power Transistor
Datasheet
l
lOutline
Parameter
Value
CPT
 
VCEO
50V
 
 
 
 
IC
3A
2SCR573D
 
 
                     
l
lFeatures
1) Suitable for Middle Power Driver.
2) Complementary PNP Types : 2SAR573D.
3) Low VCE(sat)
  VCE(sat)=0.35V(Max.).
  (IC/IB=1A/50mA)
4) Lead Free/Rohs Compliant
l
lInner circuit
B: BASE
C: COLLECTOR
E: EMITTER
l
lApplication
Motor driver,LED driver
Power supply
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
2SCR573D
CPT
6595
TL
330
16
2500
CR573
                                                                                         
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
1/6
20131120 - Rev.001


Similar Part No. - 2SCR573D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SCR573D ISC-2SCR573D Datasheet
275Kb / 2P
isc Silicon NPN Power Transistor
logo
Rohm
2SCR573D3 ROHM-2SCR573D3 Datasheet
1Mb / 11P
NPN 3.0A 50V Power Transistor
2SCR573D3FRA ROHM-2SCR573D3FRA Datasheet
1Mb / 10P
NPN 3.0A 50V Power Transistor
2SCR573DA08 ROHM-2SCR573DA08 Datasheet
804Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
More results

Similar Description - 2SCR573D

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR533P ROHM-2SAR533P_13 Datasheet
380Kb / 8P
PNP -3.0A -50V Middle Power Transistor
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
NPN 3.0A 50V Middle Power Transistor
2SAR573D ROHM-2SAR573D Datasheet
809Kb / 7P
PNP -3.0A -50V Middle Power Transistor
2SCR573DA08 ROHM-2SCR573DA08 Datasheet
804Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SAR533P ROHM-2SAR533P_14 Datasheet
828Kb / 8P
PNP -3.0A -50V Middle Power Transistor
2SCR542F3 ROHM-2SCR542F3 Datasheet
1Mb / 8P
NPN 3.0A 30V Middle Power Transistor
2SCR573D3 ROHM-2SCR573D3 Datasheet
1Mb / 11P
NPN 3.0A 50V Power Transistor
2SCR573D3FRA ROHM-2SCR573D3FRA Datasheet
1Mb / 10P
NPN 3.0A 50V Power Transistor
2SCR513RHZG ROHM-2SCR513RHZG Datasheet
1Mb / 9P
NPN 1.0A 50V Middle Power Transistor
20181211 - Rev.001
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com