Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4546 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC4546
Description  Silicon NPN Triple Diffused Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC4546 Datasheet(HTML) 1 Page - Sanken electric

  2SC4546 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
115
Silicon NPN Triple Diffused Planar Transistor (High Voltage and Ultra-high Speed Switchihg Transistor) Application : Switching Regulator, Lighting Inverter and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
600
400
7
7(Pulse14)
2
30(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
Ratings
100max
100max
400min
10 to 25
0.7max
1.3max
10typ
55typ
Unit
µA
µA
V
V
V
MHz
pF
Conditions
VCB=600V
VEB=7V
IC=25mA
VCE=4V, IC=3A
IC=3A, IB=0.6A
IC=3A, IB=0.6A
VCE=12V, IE=–0.5A
VCB=10V, f=1MHz
2SC4546
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
hFE–IC Temperature Characteristics (Typical)
t on•t stg•t f– I C Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I C Characteristics (Typical)
Pc – T a Derating
Reverse Bias Safe Operating Area
Safe Operating Area (Single Pulse)
0.02
0.05
0.1
0.5
1
1 0
5
0
0.5
1.0
Collector Current I C(A)
I C/I B=5 Const.
125˚C (Case Temp)
25˚C (Case Temp)
–30˚C (Case Temp)
0
7
6
5
4
3
2
1
0
1.0
0.5
Base-Emittor Voltage V BE(V)
(V CE=4V)
0.2
1
0.5
5
0.02
0.1
0.05
0.5
2
1
Collector Current I C(A)
t stg
t on
t f
V CC
200V
I C:I B1:I B2=5:1:–2
0.3
1
4
0.5
1
1 0
100
1000
Time t(ms)
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
10
50
700
500
100
1
0.5
0.1
10
20
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
L=3mH
IB2=–0.5A
Duty:less than 1%
10
50
100
700
500
1
0.5
0.1
10
20
5
Collector-Emitter Voltage V CE(V)
100
µ
s
Without Heatsink
Natural Cooling
0.02
0.1
0.05
1
7
5
0.5
5
10
50
Collector Current I C(A)
(V CE=4V)
125˚C
25˚C
–30˚C
0
0
2
1
7
3
4
5
6
2
13
4
Collector-Emitter Voltage V CE(V)
1A
800mA
400mA
600mA
300mA
200mA
I B=50mA
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
200
RL
(
Ω)
67
IC
(A)
3
VBB2
(V)
–5
IB2
(A)
–1.2
ton
(
µs)
0.5max
tstg
(
µs)
2max
tf
(
µs)
0.15max
IB1
(A)
0.6
VBB1
(V)
10
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Weight : Approx 2.0g
a. Part No.
b. Lot No.


Similar Part No. - 2SC4546

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC4546 SANKEN-2SC4546 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator, Lighting Inverter and General Purpose)
logo
Rohm
2SC4546 ROHM-2SC4546 Datasheet
91Kb / 1P
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Inchange Semiconductor ...
2SC4546 ISC-2SC4546 Datasheet
240Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
2SC4546 NJSEMI-2SC4546 Datasheet
125Kb / 2P
Silicon NPN Power Transistor
logo
Sanken electric
2SC4546 SANKEN-2SC4546_01 Datasheet
32Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
More results

Similar Description - 2SC4546

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Sanken electric
2SC3856 SANKEN-2SC3856 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC5100 SANKEN-2SC5100 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2389 SANKEN-2SD2389 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2401 SANKEN-2SD2401 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2438 SANKEN-2SD2438 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2561 SANKEN-2SD2561 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4138 SANKEN-2SC4138 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC5287 SANKEN-2SC5287 Datasheet
32Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com