Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3003 Datasheet(PDF) 2 Page - Sanken electric

Part # 2SK3003
Description  External dimensions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SK3003 Datasheet(HTML) 2 Page - Sanken electric

  2SK3003 Datasheet HTML 1Page - Sanken electric 2SK3003 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(Unit: mm)
a
b
GDS
φ3.3±0.2
10.0±
0.2
1.35 ±
0.15
1.35 ±
0.15
0.85
2.54
2.54
2.2
±0.2
0.45
2.4
±0.2
4.2±
0.2
C 0.5
2.8
General product
a: Part Number
b: Lot Number
Weight: Approx 2.0g
Weight: Approx 6.5g
a: Part Number
b: Lot Number
a
b
4.4
1.5
1.5
φ3.3±0.1
15.6 ±0.2
2.15
±0.15
5.45 ±0.1
5.45 ±0.1
GD
S
0.8
0.65
3.35
±0.2
3.45
±0.2
5.5
±0.2
1.05
1.75
±0.15
a
b
GDS
φ3.3±0.2
10.0±
0.2
1.35
±0.15
1.35
±0.15
0.85
2.54
2.54
2.2 ±
0.2
0.45
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1
2.4
±0.2
4.2±0.2
C 0.5
2.8
FM20 (TO-220F)
1
a
b
0.8
4.4
1.5
1.5
φ3.3±0.2
15.6 ±0.2
1.75 ±0.15
2.15 ±0.15
1.05
5.45
±0.1
5.45 ±
0.1
GD
S
0.65
3.35 ±0.2
3.45
±0.2
5.5 ±0.2
FM100 (TO-3PF)
2
3
External dimensions
UL approved product
General product
UL approved product
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com