Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMDZ2L8 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMDZ2L8
Description  SUPERmini. LOW LEVEL ZENER DIODE 250mW, 2.4 VOLTS THRU 36 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDZ2L8 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMDZ2L8 Datasheet HTML 1Page - Central Semiconductor Corp CMDZ2L8 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMDZ2L4
Series Silicon Low Level Zener Diode is a high
quality voltage regulator, manufactured in a
SUPERmini™ surface mount package, designed
for applications requiring a low operating current,
low leakage, and a sharp knee.
CMDZ2L4 THRU CMDZ36L
SUPERmini™
LOW LEVEL ZENER DIODE
250mW, 2.4 VOLTS THRU 36 VOLTS
SOD-323 CASE
Central
Semiconductor Corp.
TM
R1 ( 1-November 2001)
ZENER
TEST
MAXIMUM
MAXIMUM
VOLTAGE
CURRENT
ZENER
REVERSE
MARKING
TYPE
VZ @ IZT
IMPEDANCE
CURRENT
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
VOLTS VOLTS VOLTS
µA
Ω
µA
VOLTS
CMDZ2L4
2.280
2.4
2.520
500
900
25
1.0
AP
CMDZ2L5
2.375
2.5
2.625
500
900
10
1.0
BP
CMDZ2L7
2.565
2.7
2.835
500
900
10
1.0
CP
CMDZ2L8
2.660
2.8
2.940
500
900
10
1.0
DP
CMDZ3L0
2.850
3.0
3.150
500
900
5.0
1.0
EP
CMDZ3L3
3.135
3.3
3.465
500
900
5.0
1.0
FP
CMDZ3L6
3.420
3.6
3.780
500
900
5.0
1.0
GP
CMDZ3L9
3.705
3.9
4.095
500
900
5.0
1.0
HP
CMDZ4L3
4.085
4.3
4.515
500
900
5.0
1.0
JP
CMDZ4L7
4.465
4.7
4.935
500
750
1.0
1.5
KP
CMDZ5L1
4.84
5.1
5.37
500
350
1.0
1.5
LP
CMDZ5L6
5.31
5.6
5.92
500
325
1.0
2.0
NP
CMDZ6L2
5.86
6.2
6.53
500
90
1.0
2.0
OP
CMDZ6L8
6.47
6.8
7.14
500
60
1.0
3.5
PP
CMDZ7L5
7.06
7.5
7.84
500
60
1.0
3.5
QP
CMDZ8L2
7.76
8.2
8.64
500
60
1.0
6.0
RP
CMDZ9L1
8.56
9.1
9.55
500
60
1.0
6.0
SP
CMDZ10L
9.45
10
10.55
500
80
1.0
8.0
TP
CMDZ11L
10.44
11
11.56
500
80
1.0
8.0
UP
CMDZ12L
11.42
12
12.60
500
80
1.0
10.5
VP
CMDZ13L
12.47
13
13.96
500
80
1.0
10.5
XP
CMDZ15L
13.84
15
15.52
500
80
1.0
11.5
YP
CMDZ16L
15.37
16
17.09
500
80
1.0
14
ZP
CMDZ18L
16.94
18
19.03
500
80
1.0
16
1P
CMDZ20L
18.86
20
21.08
500
100
1.0
18
2P
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
UNIT
Power Dissipation (@TA=25°C)
PD
250
mW
Operating and Storage Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
500
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)


Similar Part No. - CMDZ2L8

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ2L8 CENTRAL-CMDZ2L8 Datasheet
104Kb / 2P
SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
CMDZ2L8 CENTRAL-CMDZ2L8 Datasheet
377Kb / 2P
SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE 250mW, 1.8 THRU 47 VOLTS 짹5% TOLERANCE
CMDZ2L8 CENTRAL-CMDZ2L8 Datasheet
377Kb / 2P
SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE
More results

Similar Description - CMDZ2L8

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL5221B CENTRAL-CLL5221B Datasheet
682Kb / 2P
SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS
CMDZ5221B CENTRAL-CMDZ5221B Datasheet
130Kb / 2P
SUPER-MINI ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMDZ1L8 CENTRAL-CMDZ1L8 Datasheet
104Kb / 2P
SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
CMDZ2V4 CENTRAL-CMDZ2V4 Datasheet
110Kb / 2P
SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ1L8 CENTRAL-CMDZ1L8_10 Datasheet
377Kb / 2P
SURFACE MOUNT SILICON LOW LEVEL ZENER DIODE 250mW, 1.8 THRU 47 VOLTS 짹5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMOZ1L8 CENTRAL-CMOZ1L8_10 Datasheet
347Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
logo
Solid States Devices, I...
Z00001M SSDI-Z00001M Datasheet
130Kb / 2P
250mW and 400mW 2.4 ??43 VOLTS ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com