Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F800C Datasheet(PDF) 2 Page - Macronix International

Part # MX29F800C
Description  8M-BIT [1024K x 8 / 512K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F800C Datasheet(HTML) 2 Page - Macronix International

  MX29F800C Datasheet HTML 1Page - Macronix International MX29F800C Datasheet HTML 2Page - Macronix International MX29F800C Datasheet HTML 3Page - Macronix International MX29F800C Datasheet HTML 4Page - Macronix International MX29F800C Datasheet HTML 5Page - Macronix International MX29F800C Datasheet HTML 6Page - Macronix International MX29F800C Datasheet HTML 7Page - Macronix International MX29F800C Datasheet HTML 8Page - Macronix International MX29F800C Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
P/N:PM1493
REV. 1.2, JUL. 05, 2012
MX29F800C T/B
PIN CONFIGURATIONS
44 SOP(500mil)
48 TSOP(TYPE I) (12mm x 20mm)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
CE#
GND
OE#
Q0
Q8
Q1
Q9
Q2
Q10
Q3
Q11
RESET#
WE#
A8
A9
A10
A11
A12
A13
A14
A15
A16
BYTE#
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
A15
A14
A13
A12
A11
A10
A9
A8
NC
NC
WE#
RESET#
NC
NC
RY/BY#
A18
A17
A7
A6
A5
A4
A3
A2
A1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A16
BYTE#
GND
Q15/A-1
Q7
Q14
Q6
Q13
Q5
Q12
Q4
VCC
Q11
Q3
Q10
Q2
Q9
Q1
Q8
Q0
OE#
GND
CE#
A0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
MX29F800C T/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com