Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLL5229B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CLL5229B
Description  SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 75 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL5229B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CLL5229B Datasheet HTML 1Page - Central Semiconductor Corp CLL5229B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CLL5221B THRU CLL5267B
SURFACE MOUNT ZENER DIODE
2.4 VOLTS THRU 75 VOLTS
500MW, 5% TOLERANCE
R2 ( 9-October 2001)
SOD-80 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=1.25V MAX @ IF=200mA FOR ALL TYPES.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com