Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADNS-7630 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-7630
Description  One-Chip Bluetooth SoC LaserStream Navigation Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7630 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-7630 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED ADNS-7630 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
21
Z-Wheel
ADNS-7630 can support both mechanical and optical
Z-wheel design. Selection of Mechanical or Optical
Z-Wheel interface can be set from EEPROM Z_Selection
register (0x0137). The Z-Wheel reporting format which
determines the vertical scroll resolution can be configured
to Z/2 or Z/4 format when using different sensitivity optical
Z-Wheel via EEPROM Z_Configuration register (0x0138).
For mechanical Z-Wheel, Z/2 format is widely used as
most of the commonly available mechanical Z-Wheel
encoders come with low sensitivity. Optical Z-Wheel
can utilize either the Z/2 or Z/4 format according to the
desired sensitivity. Z_Negate (0x0139) enables correct
Z-Wheel orientation in case ZA and ZB are swapped.
For mechanical Z-Wheel design, only ZA and ZB pins are
connected to the physical mechanical encoder. ZLED
pins should be floated (No Connect). For optical Z-Wheel
design, connect all ZA, ZB and ZLED pins appropriately to
the physical optical encoder system.
The direction of the Z-Wheel (positive or negative) based
upon the Z-Wheel’s quadrature output is shown in the
state diagram below. State is shown in the form ZB ZA.
Z-Wheel counts are reported only for transitions with + or
- signs.
Tilt-Wheel
ADNS-7630 can support Tilt Wheel function via TW1
and TW2 pins by activating it through EEPROM register
Tilt_Wheel_Enabled (0x0114). For applications without
Tilt-Wheel, TW1 (GPIO3) and TW2 (GPIO4) pins can be con-
figured as LED GPIO via the same register above.
Disclaimer: All designers and manufacturers of final product with tilt
wheel enabled must assure that they have all necessary intellectual
property rights.
00
10
01
11
+
+
No Count
Out Here
No Count
Out Here
Figure 15. State Diagram for Z-Wheel
Figure 16. Timing Diagram for Z/2 and Z/4 settings
Connect Button
It is a must to have a “Connect” button in a Bluetooth
mouse design to enable end users to initiate pairing/
unpairing with any Bluetooth host. Connect_Button_
Press_Duration register (0x00a4-0x00a5) allows mouse
manufacturers to define duration needed for the “Con-
nect” button to be held for a valid button pressed.
Connect “Connect” button to CONNECT pin (pin 13) for
this feature.
Discover LED Indicator
It is highly recommended for mouse manufacturers to
include a discover LED indicator in a Bluetooth mouse
design as it enables end users to know if the mouse has
entered discoverable mode successfully. See registers
0x0115-0x0119 to enable/disable discover LED support,
to assign GPIO pin to be used, to define GPIO state to turn
on the discover LED as well as the LED’s duty cycle.
Connect the physical discover LED to LED0 (GPIO5) pin or
LED1 (GPIO6) pin for this feature.
Battery LED Indicator
It is highly recommended for mouse manufacturers to
include a battery LED indicator in a Bluetooth mouse
design as it alerts end users when the battery power is
running low, and also to remind end users to change the
batteries. See registers 0x011a-0x011e, 0x0238-0x23d and
0x248 for the following configuration:
• enable/disable battery LED support
• assign GPIO pin to be used
• define GPIO state to turn on the battery LED, the LED’s
duty cycle, the blink/rest duration, active sniff modes
and total duration
• define whether the LED is disabled before connection
is established.
Connect the physical battery LED to LED0 (GPIO5) pin or
LED1 (GPIO6) pin for this feature.
Z-Wheel
Resolution
Signal
Timing Diagram
ZA
ZB
Z Count
+1
+1
+1
+1
0
-1
-1
-1
-1
ZA
ZB
Z Count
+1
+1
-1
-1
Z/2
Z/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com