Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9TM48P4H01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9TM48P4H01
Description  AC Fan 120 9AD type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9TM48P4H01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9TM48P4H01 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9TM48P4H01 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
312
(
R4.8
)
(1)
5
±1
φ1.6
φ
16
.2
φ87
5 +1
 0
φ1.6
4.3
±0.3
ネジ長さはファン端面より5mm以下
インレットノズル
ファン
フィンガーガード
→ 風量
(Pa)
DC 48V
(inch H2O)
2.0
2.5
1.5
1.0
0.5
0
500
600
0
100
200
300
400
30
10
0
4050 6070
20
0.5
1.0
1.5
2.0
(CFM)
(m3/min)
PWM
デューティ
100%
0%
50%
9TM48P4H01
PWM
デューティ100%
→ 風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
60V
48V
36V
2.0
2.5
1.5
1.0
0.5
0
500
600
0
010 20 30 40 50 60 70
0.5
1.0
1.5
2.0
100
200
300
400
9TM48P4H01
PWM
デューティサイクル(%)
電圧:DC48V
PWM
周波数:25kHz
0
1,000
2,000
3,000
4,000
5,000
6,000
7,000
100
6,400min-1
2,000min-1
9TM48P4H01
Fan
■ Options(Unit : mm)
■ Referance diagram for mounting
Inlet side
Finger guards
Inlet nozzle
Model:109-099E
:109-099H
Surfacetreatment:Nickel-chromeplating(silver)
:Cationelectropainting(black)
Color
Inlet nozzle : Nozzle mounted in fan inlet side to adjust the flow of introduced air
The screw length is 5mm less or equal from fan edge side.
Inlet nozzle
■ Air Flow - Static Pressure Characteristics
PWM Duty Cycle
Operating Voltage Range
■ PWM Duty - Speed
Characteristics Example
PWM Duty Cycle 100%
→ Air Flow
→ Air Flow
PWM Duty Cycle(%)
Voltage:48V DC
PWM Frequency:25kHz
PWM Duty Cycle
Finger guard
Model:109-1080
Material: Steel sheet
Surface treatment: Electro nickel plating(silver)
Color



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com