Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPD31X Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CPD31X
Description  10A, 60V Schottky Rectifi er Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD31X Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CPD31X Datasheet HTML 1Page - Central Semiconductor Corp CPD31X Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PB CPD31X
For further information contact:
Sales at Central Semiconductor Corp.
(631) 435-1110 or visit our website at:
www.centralsemi.com
Innovative Discrete
Semiconductors
Packing Information
Wafer Form
• 100% tested with rejects inked
• Use - WN suffix when ordering
Anti-Static
Polyethylene Protective Layer
ESD Protective Container
Anti-Static Foam
Anti-Static Foam
Wafer
Anti-Static
Polyethylene Protective Layer
Anti-Static Foam
Anti-Static Foam
ESD Protective Lid
Sawn Wafer
Sawn Wafer
Adhesive Membrane
Adhesive Membrane
Metal Frame
Plastic Ring
Sawn Wafer
• Available on metal frame or plastic ring
• 100% tested with rejects inked.
• Mounted on adhesive membrane on a metal frame or
plastic ring.
• Use - WS suffix when ordering for metal frame
• Use - WR suffix when ordering for plastic ring.
Chip Form
• Waffle Packed.
• Use: -CT, -CM, -CTO suffix when ordering.
• -CT (100% tested with rejects removed).
• -CM (100% tested and 100% visually inspected per
MIL-STD-750, [method 2072 transistors]
[method 2073 diodes] with rejects removed).
• -CTO (100% tested with rejects removed,
die orientation as specified by customer.)
ESD Protective Cover
Anti-Static Polyethylene
Protective Layer
ESD Protective Chip Tray
145 Adams Avenue
• Hauppauge • New York • 11788 • USA • Tel:(631) 435-1110 • Fax:(631) 435-1824
60V, 10A
Schottky Rectifier Chip
CPD31X
CPD34X



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com