Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP110 Datasheet(PDF) 1 Page - Motorola, Inc

Part # TIP110
Description  DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TIP110 Datasheet(HTML) 1 Page - Motorola, Inc

  TIP110 Datasheet HTML 1Page - Motorola, Inc TIP110 Datasheet HTML 2Page - Motorola, Inc TIP110 Datasheet HTML 3Page - Motorola, Inc TIP110 Datasheet HTML 4Page - Motorola, Inc TIP110 Datasheet HTML 5Page - Motorola, Inc TIP110 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Plastic Medium-Power
Complementary Silicon Transistors
. . . designed for general–purpose amplifier and low–speed switching applications.
• High DC Current Gain —
hFE = 2500 (Typ) @ IC = 1.0 Adc
• Collector–Emitter Sustaining Voltage — @ 30 mAdc
VCEO(sus) = 60 Vdc (Min) — TIP110, TIP115
VCEO(sus) = 80 Vdc (Min) — TIP111, TIP116
VCEO(sus) = 100 Vdc (Min) — TIP112, TIP117
• Low Collector–Emitter Saturation Voltage —
VCE(sat) = 2.5 Vdc (Max) @ IC = 2.0 Adc
• Monolithic Construction with Built–in Base–Emitter Shunt Resistors
• TO–220AB Compact Package
*MAXIMUM RATINGS
Rating
Symbol
TIP110,
TIP115
TIP111,
TIP116
TIP112,
TIP117
Unit
Collector–Emitter Voltage
VCEO
60
80
100
Vdc
Collector–Base Voltage
VCB
60
80
100
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
Peak
IC
2.0
4.0
Adc
Base Current
IB
50
mAdc
Total Power Dissipation @ TC = 25_C
Derate above 25
_C
PD
50
0.4
Watts
W/
_C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
2.0
0.016
Watts
W/
_C
Unclamped Inductive Load Energy —
Figure 13
E
25
mJ
Operating and Storage Junction
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2.5
_C/W
Thermal Resistance, Junction to Ambient
R
θJA
62.5
_C/W
0
0
20
40
60
80
100
120
160
Figure 1. Power Derating
T, TEMPERATURE (
°C)
40
20
60
140
TC
0
2.0
1.0
3.0
TA
TA
TC
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by TIP110/D
© Motorola, Inc. 1995
TIP110
TIP111
TIP112
TIP115
TIP116
TIP117
DARLINGTON
2 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
60 – 80 – 100 VOLTS
50 WATTS
*Motorola Preferred Device
*
NPN
PNP
*
*
*
CASE 221A–06
TO–220AB
REV 1


Similar Part No. - TIP110

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP110 MOSPEC-TIP110 Datasheet
146Kb / 3P
POWER TRANSISTORS(2.0A,60-100V,50W)
logo
ON Semiconductor
TIP110 ONSEMI-TIP110 Datasheet
269Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
REV 1
logo
Power Innovations Ltd
TIP110 POINN-TIP110 Datasheet
101Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP110 STMICROELECTRONICS-TIP110 Datasheet
72Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1999
logo
Fairchild Semiconductor
TIP110 FAIRCHILD-TIP110 Datasheet
49Kb / 4P
Monolithic Construction With Built In Base- Emitter Shunt Resistors
More results

Similar Description - TIP110

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TIP100 MOTOROLA-TIP100 Datasheet
218Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP140 MOTOROLA-TIP140 Datasheet
234Kb / 6P
10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
List of Unclassifed Man...
MJ2501 ETC1-MJ2501 Datasheet
485Kb / 4P
10 Ampere Darlington Power Transistors Complementary Silicon
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com