Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RACK1700 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # RACK1700
Description  Refroidisseurs deau
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

RACK1700 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  RACK1700 Datasheet HTML 1Page - Hammond Manufacturing Ltd. RACK1700 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(16660 W)
C
Hz
mm)
EB190WT
71719 BTU/h
(21000 W)
+59…+104 F
/ '+15…+40
C
400 /460 V 3
Phase 50/60
Hz
13.2 (50)
55.51 x 48.43 x 31.10
inches (1410 x 1230 x
790 mm)
EB250WT
94600 BTU/h
(27700 W)
+59…+104 F
/ '+15…+40
C
400 /460 V 3
Phase 50/60
Hz
13.2 (50)
55.51 x 48.43 x 31.10
inches (1410 x 1230 x
790 mm)
EB300WT
112018 BTU/h
(32800 W)
+59…+104 F
/ '+15…+40
C
400 /460 V 3
Phase 50/60
Hz
21.1 (80)
55.51 x 6614 x 31.10
inches (1410 x 1680 x
790 mm)
EB350WT
130801 BTU/h
(38300 W)
+59…+104 F
/ '+15…+40
C
400 /460 V 3
Phase 50/60
Hz
21.1 (80)
55.51 x 6614 x 31.10
inches (1410 x 1680 x
790 mm)
EB400WT
151634 BTU/h
(44400 W)
+59…+104 F
/ '+15…+40
C
400 /460 V 3
Phase 50/60
Hz
21.1 (80)
55.51 x 6614 x 31.10
inches (1410 x 1680 x
790 mm)
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com