Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFB0612HC Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # AFB0612HC
Description  60 x 60 x 13 MM SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AFB0612HC Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  AFB0612HC Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
mm
(INCH)
UNIT:
mm
(INCH)
UNIT:
OUTLET SIDE
INLET SIDE
0.4
0.2
0
0
8.0
0.8
0.6
16.0
24.0
1.0
32.0
6.0
3.0
4.5
1.5
0.12
0.06
0
0
0.18
0.24
9.0
7.5
0.30
0.36
Air Flow
AFB0605/12/24XC
L
M
H
HH
VH
(CFM)
(M3/MIN)
4-ø4.3
±0.3
(4-ø0.169
±0.012)
4-ø4.3
(4-ø0.169)
4-ø4.3
(4-ø0.169)
13.0
±0.5
(0.512
±0.020)
324.0
±10.0
(12.756
±0.394)
2.0
±0.3
(0.079
±0.012)
2.0
±0.3
(0.079
±0.012)
60.0
±0.5
(2.362
±0.020)
50.0
±0.3
(1.969
±0.012)
10.0
(0.394)
LABEL
57.4
(2.260)
57.6
(2.268)
50.0
(1.969)
50.0
(1.969)
11
http://www.deltaww.com
AFB
■
DIMENSIONS DRAWING
■
P & Q CURVE (AT RATED VOLTAGE)
■
MOUNTING PANEL CUTOUT
60 x 60 x 13 MM SERIES
* Bearing Type
Ball Bearings
* Material
Impeller & Frame : Plastic (UL 94V-0)
* Lead Wires :
UL 2468 AWG #28 OR Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
* Weight : 33.5g (1.18 oz)
* Rib Type Only
MODEL
Rated
Voltage
Operating
Voltage
Range
Rated
Current
Rated
Input
Power
Speed
Maximum
Air Flow
Maximum
Air Pressure
Noise
PART NO.
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
m3 /min
CFM
mmH2O
IN H2O
dB-A
AFB0605LC
-R00 / -F00
5
4.5 to 5.5
0.12
0.60
3000
0.436
15.40
2.11
0.083
24.0
AFB0612LC
-R00 / -F00
12
7.0 to 13.8
0.08
0.96
AFB0624LC
-R00 / -F00
24
14.0 to 27.6
0.05
1.20
AFB0605MC
-R00 / -F00
5
4.5 to 5.5
0.18
0.90
3600
0.514
18.15
3.02
0.119
28.0
AFB0612MC
-R00 / -F00
12
7.0 to 13.8
0.11
1.32
AFB0624MC
-R00 / -F00
24
14.0 to 27.6
0.06
1.44
AFB0605HC
-R00 / -F00
5
4.5 to 5.5
0.29
1.45
4200
0.601
21.22
4.15
0.163
31.5
AFB0612HC
-R00 / -F00
12
7.0 to 13.8
0.14
1.68
AFB0624HC
-R00 / -F00
24
14.0 to 27.6
0.07
1.68
AFB0612HHC
-R00 / -F00
12
7.0 to 13.8
0.20
2.40
4800
0.698
24.65
5.19
0.204
35.0
AFB0624HHC
-R00 / -F00
24
14.0 to 27.6
0.09
2.16
AFB0612VHC
-R00 / -F00
12
7.0 to 13.8
0.24
2.88
5400
0.785
27.72
6.41
0.252
38.0
AFB0624VHC
-R00 / -F00
24
14.0 to 27.6
0.12
2.88
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.
* Both of the ball bearing and the 1 ball + 1 Sleeve type are available.


Similar Part No. - AFB0612HC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0612H-A DELTA-AFB0612H-A Datasheet
670Kb / 8P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0612H-AF00 DELTA-AFB0612H-AF00 Datasheet
384Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFB0612H-AR00 DELTA-AFB0612H-AR00 Datasheet
459Kb / 11P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFB0612H-EP DELTA-AFB0612H-EP Datasheet
2Mb / 7P
PLEASE SEND ONE COPY OF THIS BACK AFTER YOU SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
AFB0612HB DELTA-AFB0612HB Datasheet
358Kb / 7P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - AFB0612HC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP60-243.3SG RECOM-RP60-243.3SG Datasheet
92Kb / 4P
60 Watt 2??x 2??Single Output
logo
ORION FANS
OA60 ORIONFANS-OA60 Datasheet
88Kb / 1P
60 x 30mm (2.36??x 1.18??
logo
List of Unclassifed Man...
AFB0612EHE ETC2-AFB0612EHE Datasheet
179Kb / 1P
60 x 60 x 38 MM SERIES
logo
NTE Electronics
77-6015D12 NTE-77-6015D12 Datasheet
363Kb / 1P
Fan, DC Types, 60 x 60mm
logo
ORION FANS
OA60 ORIONFANS-OA60_16 Datasheet
387Kb / 1P
AC Fan - 115V, 230V 60 x 30mm (2.36??x 1.18??
logo
Espros Photonics corp
EPC635 EPC-EPC635 Datasheet
1Mb / 97P
3D TOF Imager 160 x 60 Pixel
logo
Delta Electronics, Inc.
AFB0605LD DELTA-AFB0605LD Datasheet
389Kb / 2P
60 x 60 x 20 MM SERIES
logo
Schneider Electric
KAD1H SCHNEIDER-KAD1H Datasheet
133Kb / 2P
operating head 60 x 60 mm - black color - black handle - blank for engraving
Feb 10, 2022
KBD1S SCHNEIDER-KBD1S Datasheet
124Kb / 2P
operating head 60 x 60 mm - metallic color - key - blank for engraving
Feb 10, 2022
KCD1MH SCHNEIDER-KCD1MH Datasheet
138Kb / 2P
operating head 60 x 60 mm - yellow color - red handle - O-I
Feb 10, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com