Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9564 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP9564
Description  Basic Rack PDU
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP9564 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP9564 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© American Power Conversion Corp., all rights reserved
World Wide [
]
Change
Basic Rack PDU
Rack PDU, Basic, 1U, 20A, 120V, (10)5-20; L5-20P
AP9564
Email Technical Specifications
Printer Friendly
More Images
Standard Lead Time : Usually in Stock
APC Basic Rack PDU , Input: 120V , Input
Connections: NEMA L5-20P , Cord Length: 12 feet
( 3.66 meters ) , Output: 120V , Output
Connections: NEMA 5-20R
Includes: Installation guide, Rack Mounting
brackets
Technical Specifications
Product Overview
Documentation
Options Compare Models
Output
Nominal Output Voltage
120V
Maximum Total Current Draw per
Phase
20A
Output Connections
(10) NEMA 5-20R
Input
Nominal Input Voltage
120V
Input Frequency
50/60 Hz
Regulatory Derated Input Current
(North America)
16A
Input Connections
NEMA L5-20P
Cord Length
3.66 meters
Number of Power Cords
1
Maximum Input Current per phase
20A
Load Capacity
2400 VA
Physical
Net Weight
2.50 KG
Maximum Height
44.00 mm
Maximum Width
447.00 mm
Maximum Depth
57.00 mm
Shipping Weight
3.64 KG
Shipping Height
70.00 mm
Shipping Width
464.00 mm
Shipping Depth
229.00 mm
Color
Black
Environmental
Operating Environment
-5 - 45 °C
Operating Relative Humidity
0 - 95%
Operating Elevation
0-3000 meters
Storage Temperature
-25 - 65 °C
Storage Relative Humidity
0 - 95%
Storage Elevation
0-15000 meters
Conformance
Regulatory Approvals
cUL Recognized,CSA,UL 1363,UL Recognized
Standard Warranty
2 years repair or replace
ROHS/WEEE Compliance
RoHS 7b Exemption
Copyright
About APC
Investors
Job Seekers
Press
Feedback
Contact
Privacy Policy
Home
Products
Support
Services
Selectors
How to Buy


Similar Part No. - AP9564

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9564GM A-POWER-AP9564GM Datasheet
69Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
AP9564GM VBSEMI-AP9564GM Datasheet
1,003Kb / 9P
P-Channel 40 V (D-S) MOSFET
logo
Advanced Power Electron...
AP9564GM-HF A-POWER-AP9564GM-HF_14 Datasheet
101Kb / 4P
Fast Switching Characteristic
AP9564GM-HF A-POWER-AP9564GM-HF_16 Datasheet
56Kb / 5P
Fast Switching Characteristic
AP9564GM A-POWER-AP9564GM_10 Datasheet
101Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP9564

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP9551 ETC2-AP9551 Datasheet
39Kb / 1P
Rack PDU, Basic, Zero U, 20A, 120V, (14)5-15
AP7551 ETC2-AP7551 Datasheet
16Kb / 1P
Basic Rack PDU
AP9570 ETC2-AP9570 Datasheet
17Kb / 1P
Basic Rack PDU
AP9571 ETC2-AP9571 Datasheet
83Kb / 2P
Rack PDU Basic 1U 30A 208V (12) C13
AP9562 ETC2-AP9562 Datasheet
62Kb / 1P
Rack PDU, Basic, 1U, 15A, 120V, (10)5-15
logo
Tripp Lite. All Rights ...
PDU1215 TRIPPLITE-PDU1215_15 Datasheet
478Kb / 3P
1.8kW Single-Phase Basic PDU, 120V Outlets (135-15R), 5-15P, 15ft Cord, 1U Rack-Mount
PDU2430 TRIPPLITE-PDU2430_15 Datasheet
473Kb / 3P
2.9kW Single-Phase Basic PDU, 120V Outlets (245-15R), L5-30P, 15ft Cord, 1U Rack-Mount
logo
Schneider Electric
AP9568 SCHNEIDER-AP9568 Datasheet
74Kb / 2P
Rack PDU, Basic, Zero U, 10A,230V, (15)C13
Sep 2, 2020
logo
List of Unclassifed Man...
AP7921B ETC1-AP7921B Datasheet
82Kb / 2P
Switched Rack PDU AP7921B
logo
Schneider Electric
AP6031A SCHNEIDER-AP6031A Datasheet
61Kb / 2P
Rack PDU, Basic, 0U/1U, 208V, 30A, (4) C19
Nov 27, 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com