Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9475 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML9475
Description  1/3 or 1/4 Duty, 40-Output LCD Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9475 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML9475 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9475 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FEDL9475-01
Issue Date: Mar. 1, 2010
ML9475
1/3 or 1/4 Duty, 40-Output LCD Driver
1/20
GENERAL DESCRIPTION
The ML9475 is an LCD driver for dynamic display. It has a function to switch between 1/3 and 1/4 duty. When
1/4 duty is selected, an LCD of up to 160 segments can be driven directly; when 1/3 duty is selected, an LCD of
up to 120 segments can be driven directly.
FEATURES
 Logic power supply voltage
: 2.7 to 3.6 V, 4.5 to 5.5 V
 Driver power supply voltage
: 3.5 to 5.5 V
 Operating temperature
:
40 to +105°C
 40 segment outputs
1/4 duty
: Up to 160 segments can be displayed.
1/3 duty
: Up to 120 segments can be displayed.
 Serially interfaces with the CPU using the three signal lines of LOAD, DATA_IN, and CLOCK
 Built-in RC oscillator circuit for LCD AC drive (the CLKSEL pin allows selecting an external clock input)
 Built-in voltage-dividing resistor for bias voltage generation
 Package
: 56-pin plastic QFP (QFP56-P-910-0.65-2K)


Similar Part No. - ML9475

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9470-11 ETC2-ML9470-11 Datasheet
542Kb / 21P
Static,1/2Duty 80 Output LCD Driver
ML9470-12 ETC2-ML9470-12 Datasheet
542Kb / 21P
Static,1/2Duty 80 Output LCD Driver
ML9471 ETC2-ML9471 Datasheet
558Kb / 20P
1/3, 1/4, 1/5 Duty 80 Output LCD Driver
logo
LAPIS Semiconductor Co....
ML9471 LAPIS-ML9471 Datasheet
412Kb / 20P
1/3, 1/4, 1/5 Duty 80 Output LCD Driver
logo
List of Unclassifed Man...
ML9472 ETC2-ML9472 Datasheet
466Kb / 18P
Static,1/2Duty 60 Output LCD Driver
More results

Similar Description - ML9475

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6535 NJRC-NJU6535 Datasheet
221Kb / 30P
1/3 , 1/4 Duty LCD Driver
NJU6533 NJRC-NJU6533 Datasheet
38Kb / 4P
1/3, 1/4 Duty LCD Driver
logo
List of Unclassifed Man...
ML9471 ETC2-ML9471 Datasheet
558Kb / 20P
1/3, 1/4, 1/5 Duty 80 Output LCD Driver
ML9473 ETC2-ML9473 Datasheet
407Kb / 20P
1/3, 1/4, 1/5 Duty 60 Output LCD Driver
ML9476 ETC2-ML9476 Datasheet
389Kb / 20P
1/3 or 1/4 Duty, 16-Output LCD Driver
ML9477 ETC2-ML9477 Datasheet
386Kb / 20P
1/3 or 1/4 Duty, 32-Output LCD Driver
ML9480 ETC2-ML9480 Datasheet
444Kb / 37P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9471 LAPIS-ML9471 Datasheet
412Kb / 20P
1/3, 1/4, 1/5 Duty 80 Output LCD Driver
ML9477 LAPIS-ML9477 Datasheet
226Kb / 20P
1/3 or 1/4 Duty, 32-Output LCD Driver
ML9480 LAPIS-ML9480 Datasheet
365Kb / 37P
Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com