Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5071 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SC5071
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC5071 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC5071 Datasheet HTML 1Page - Savantic, Inc. 2SC5071 Datasheet HTML 2Page - Savantic, Inc. 2SC5071 Datasheet HTML 3Page - Savantic, Inc. 2SC5071 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC5071
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=25mA ;IB=0
400
V
VCEsat
Collector-emitter saturation voltage
IC=7A ;IB=1.4A
0.5
V
VCEsat
Collector-emitter saturation voltage
IC=7A ;IB=1.4A
1.3
V
ICBO
Collector cut-off current
VCB=500V; IE=0
100
µA
IEBO
Emitter cut-off current
VEB=10V; IC=0
100
µA
hFE
DC current gain
IC=7A ; VCE=4V
10
30
COB
Output capacitance
IE=0 ; VCB=10V,f=1MHz
105
pF
fT
Transition frequency
IE=-1A ; VCE=12V
10
MHz
Switching times
ton
Turn-on time
1.0
µs
ts
Storage time
3.0
µs
tf
Fall time
IC=7A;RL=28.5A
IB1=0.7A; IB2=-1.4A
VCC=200V
0.5
µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com