Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP115 Datasheet(PDF) 5 Page - Motorola, Inc

Part # TIP115
Description  DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TIP115 Datasheet(HTML) 5 Page - Motorola, Inc

  TIP115 Datasheet HTML 1Page - Motorola, Inc TIP115 Datasheet HTML 2Page - Motorola, Inc TIP115 Datasheet HTML 3Page - Motorola, Inc TIP115 Datasheet HTML 4Page - Motorola, Inc TIP115 Datasheet HTML 5Page - Motorola, Inc TIP115 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TIP110 TIP111 TIP112 TIP115 TIP116 TIP117
5
Motorola Bipolar Power Transistor Device Data
Figure 11. Temperature Coefficients
NPN
TIP110, 111, 112
PNP
TIP115, 116, 117
Figure 12. Collector Cut-Off Region
IC, COLLECTOR CURRENT (AMP)
+ 0.8
0
– 0.8
– 1.6
– 2.4
– 3.2
– 4.0
– 4.8
*APPLIES FOR IC/IB ≤ hFE/3
*
θVC for VCE(sat)
θVC for VBE
0.04 0.06
0.2
0.4 0.6
1.0
2.0
4.0
25
°C to 150°C
– 55
°C to 25°C
0.1
25
°C to 150°C
– 55
°C to 25°C
IC, COLLECTOR CURRENT (AMP)
+ 0.8
0
– 0.8
– 1.6
– 2.4
– 3.2
– 4.0
– 4.8
*APPLIES FOR IC/IB ≤ hFE/3
*
θVC for VCE(sat)
θVC for VBE
0.04 0.06
0.2
0.4 0.6
1.0
2.0
4.0
25
°C to 150°C
– 55
°C to 25°C
0.1
25
°C to 150°C
– 55
°C to 25°C
105
– 0.6
103
102
100
104
101
10–1
VBE, BASE-EMITTER VOLTAGE (VOLTS)
– 0.4 – 0.2
0
+ 0.2 + 0.4 + 0.6 + 0.8 + 1.0 + 1.2
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
+ 1.4
105
– 0.6
103
102
100
104
101
10–1
VBE, BASE-EMITTER VOLTAGE (VOLTS)
– 0.4 – 0.2
0
+ 0.2 + 0.4 + 0.6 + 0.8 + 1.0 + 1.2
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
+ 1.4
Figure 13. Inductive Load Switching
Note A: Input pulse width is increased until ICM = 0.71 A,
NPN test shown; for PNP test
reverse all polarity and use MJE224 driver.
0.71 A
0 V
– 5 V
tw ≈ 3.5 ms (SEE NOTE A)
INPUT
VOLTAGE
COLLECTOR
CURRENT
COLLECTOR
VOLTAGE
VCER
0 V
20 V
100 ms
VCE(sat)
INPUT
MJE254
50
Ω
50
Ω
RBB1
2 k
Ω
RBB2
100
Ω
VBB2 = 0
TUT
VCE MONITOR
100 mH
VCC = 20 V
IC
MONITOR
RS =
0.1
Ω
TEST CIRCUIT
VOLTAGE AND CURRENT WAVEFORMS
+
–
VBB1 = 10 V
+
–



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com