Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9489 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # ML9489
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9489 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button ML9489 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 25Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 26Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 27Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML9489 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
FEDL9489-02
ML9489
26/32
PAD CONFIGURATION
Pad layout (pattern face)
Chip size
: 8.84 mm x 0.90 mm
Chip thickness
: 400
m ± 20 m
Minimum bump pitch
: 50
m
Bump height
: 15
m ±3 m
321
152
1
140
Y
X
B
A
322
151
331
141
(0,0)
Bump and alignment mark dimensions (pattern face)
PAD No.1
140
: 35
m x 72 m
PAD No.141
331
: 30
m x 84 m
Alignment marks A and B : See below
[Mark A]
[Mark B]
Alignment mark
X-coordinate (
m)
Y-coordinate (
m)
Mark A
4308.9
-312.1
Mark B
-4305.9
305.9
Aluminum (top metal) Passivation
30μm
30μm
30μm
30μm
30μm
30μm
Aluminum (top metal) Passivation
47μm
55μm
47μm
55μm
Coordinate position
Coordinate position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com