Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSCF4LZ281P Datasheet(PDF) 1 Page - OptoSupply International

Part # OSCF4LZ281P
Description  Deluxe Power Super Flux Cherry LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSCF4LZ281P Datasheet(HTML) 1 Page - OptoSupply International

  OSCF4LZ281P Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
D
De
ellu
ux
xe
e P
Po
ow
we
er
r S
Su
up
pe
er
r F
Fllu
ux
x C
Ch
he
er
rr
ry
y
L
LE
ED
D
OSCF4LZ281P
■
Features
■
Outline Dimension
●
High Luminous LEDs
●
5 ø Standard Directivity
●
Long Lifetime Operation
●
Superior Weather-resistance
●
Water Clear Type
■
Applications
●
Backlighting (switches, keys, displays,
illuminated advertising etc.)
●
Substitution of Micro Incandescent Lamps
●
Reading Lamps / Emergency Lighting
●
Marker lights (e.g. steps, exit ways, etc.)
●
Other Lighting
0.76+0.1
2
5.08+0.2
1.5+0.1
5.08+0.3
23
1,4 Anode
2,3 Cathode
Unit:mm
Tolerance:+0.3mm
7.62
5.0
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
30°
0.5
90°
60°
0
0
0.5
30°
60°
90°
11
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=30mA
2.8
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Flux
Φ
v
IF=30mA
6.0
6.5
-
lm
x
IF=30mA
-
0.44
-
Chromaticity
Coordinates*
y
IF=30mA
-
0.30
-
50% Power Angle
2θ1/2
IF=30mA
-
80
-
deg
*1 Luminous Flux Measurement allowance is ±15%
*2 Chromaticity Coordinates Measurement allowance is ±10%
LED & Application Technologies


Similar Part No. - OSCF4LZ281P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSCF4L3131A OPTOSUPPLY-OSCF4L3131A Datasheet
89Kb / 1P
Round Cherry LED
OSCF4L5111A OPTOSUPPLY-OSCF4L5111A Datasheet
89Kb / 1P
Round Cherry LED
OSCF4LS1C1A OPTOSUPPLY-OSCF4LS1C1A Datasheet
90Kb / 1P
Cherry SMD LED
More results

Similar Description - OSCF4LZ281P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB56LZ161P OPTOSUPPLY-OSB56LZ161P Datasheet
154Kb / 1P
Deluxe Power Super Flux Blue LED
OS5RKAZ2C1P OPTOSUPPLY-OS5RKAZ2C1P Datasheet
114Kb / 1P
Deluxe Power Super Flux Red LED
OS5YKAZ2C1P OPTOSUPPLY-OS5YKAZ2C1P Datasheet
114Kb / 1P
Deluxe Power Super Flux Yellow LED
OSCD4LZ281P OPTOSUPPLY-OSCD4LZ281P Datasheet
91Kb / 1P
Deluxe Power Super Flux Lavender LED
OSCE4LZ281P OPTOSUPPLY-OSCE4LZ281P Datasheet
91Kb / 1P
Deluxe Power Super Flux Peach LED
OSCH4LZ281P OPTOSUPPLY-OSCH4LZ281P Datasheet
91Kb / 1P
Deluxe Power Super Flux Cream LED
OSCK4LZ281P OPTOSUPPLY-OSCK4LZ281P Datasheet
91Kb / 1P
Deluxe Power Super Flux Sunshine LED
OSCM4LZ281P OPTOSUPPLY-OSCM4LZ281P Datasheet
91Kb / 1P
Deluxe Power Super Flux Yolk LED
OSCB4LZ281P OPTOSUPPLY-OSCB4LZ281P Datasheet
90Kb / 1P
Deluxe Power Super Flux Rose LED
OS5RKAZ2C1P OPTOSUPPLY-OS5RKAZ2C1P Datasheet
114Kb / 1P
Deluxe Power Super Flux Red LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com