Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC260 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # SC260
Description  THYRISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SC260 Datasheet(HTML) 1 Page - Digitron Semiconductors

  SC260 Datasheet HTML 1Page - Digitron Semiconductors SC260 Datasheet HTML 2Page - Digitron Semiconductors SC260 Datasheet HTML 3Page - Digitron Semiconductors SC260 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
SC260, SC260()3, SC261(MAC261) SERIES
THYRISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Repetitive Peak Off-Stage Voltage
(TC = -40°C to +115°C)
SC260B, SC260B3, SC261B (MAC261B)
SC260D, SC260D3, SC261D (MAC261D)
SC260E, SC260E3, SC261E (MAC261E)
SC620M, SC260M3, SC261M (MAC261M)
VDRM
200
400
500
600
Volts
RMS On-State Current
IT(RMS)
25
Amps
Peak Non-Repetitive Surge Current (One Cycle, 60Hz)
ITSM
250
Amps
Circuit Fusing Considerations
t = 1ms
t = 8.3ms
I2t
150
260
A2s
Peak Gate Power (Pulse Width = 10µs)
PGM
10
Watts
Average Gate Power
PG(AV)
0.5
Watt
Peak Gate Power
IGM
2
Amps
Operating Junction Temperature Range
TJ
-40 to +115
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Stud Torque
-
30
in. lb.
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction to Case
SC260, SC261
SC260()3
RӨJC
1.8
1.95
°C/W
ELECTRICAL CHARACTERISTICS
(TC = 250°C unless otherwise noted. Values apply for either polarity of Main Terminal 2. Characteristics referenced to Main Terminal 1)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Forward or Reverse Blocking Current
(Rated VDRM or VRRM, gate open)
TC = 25°C
TC = +115°C
IDRM, IRRM
-
-
-
-
10
1
μA
mA
Peak On-State Voltage
(ITM = 35 A Peak, Pulse Width = 1 ms, Duty Cycle ≤ 2%)
VTM
-
-
1.58
Volts
Critical Rate of Rise of Off-State Voltage
(Rated VDRM, Gate Open-Circuited, Exponential Waveform)
TC = +115°C
dv/dt
50
-
-
V/μs
Critical Rate-of-Rise of Commutating Off-State Voltage
(IT(RMS) = Rated RMS On-State Current, VDRM = Rated Peak Off-State Voltage,
Gate Open-Circuited, Commutating di/dt = 13.5 A/ms, TC = +80°C)
dv/dt(c)
5
-
-
V/μs
DC Gate Trigger Current (Continuous dc)
(VD = 12 Vdc)
MT2(+), G(+); MT2(-), G(-); RL = 100 Ohms
MT2(+), G(-); RL = 50 Ohms
IGT
-
-
-
-
50
50
mAdc
DC Gate Trigger Current (Continuous dc)
(VD = 12 Vdc, TC = -40°C)
MT2(+), G(+); MT2(-), G(-); RL = 50 Ohms
MT2(+), G(-); RL = 25 Ohms
IGT
-
-
-
-
80
80
mAdc
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130201


Similar Part No. - SC260

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC260 MOTOROLA-SC260 Datasheet
94Kb / 2P
Triacs Bidirectional Triode Thyristors
logo
New Jersey Semi-Conduct...
SC260 NJSEMI-SC260 Datasheet
228Kb / 4P
Hermetic Triacs
SC260 NJSEMI-SC260 Datasheet
228Kb / 4P
Hermetic Triacs
logo
Semtech Corporation
SC2602 SEMTECH-SC2602 Datasheet
304Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602 SEMTECH-SC2602 Datasheet
310Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
More results

Similar Description - SC260

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com