Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC245 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # SC245
Description  THYRISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SC245 Datasheet(HTML) 1 Page - Digitron Semiconductors

  SC245 Datasheet HTML 1Page - Digitron Semiconductors SC245 Datasheet HTML 2Page - Digitron Semiconductors SC245 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130213
SC245, SC246, (MAC245) SC245()3 SERIES
THYRISTOR
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage(1)
(TC = -40 to +100°C)
SC245B, SC246B, S245B3, MAC245B
SC245D, SC246D, S245D3, MAC245D
SC245E, SC246E, S245E3, MAC245M
SC245M, SC246M, S245M3, MAC245N
VDRM
200
400
500
600
Volts
Forward on-state current RMS
IT(RMS)
10
Amps
Peak forward surge current
(one cycle, sine wave, 60Hz)
ITSM
100
Amps
Circuit fusing considerations
(t = 1ms)
(t = 8.3ms)
I2t
20
41.5
A2s
Peak gate power
PGM
10
Watts
Average gate power
PG(AV)
0.5
Watts
Operating junction temperature range
TJ
-40 to +100
°C
Storage temperature range
Tstg
-40 to +125
°C
Stud torque
30
In. lb.
Note 1: Ratings apply for open gate conditions. Thyristor devices shall not be tested with a constant current source for blocking capability such that the voltage applied exceeds
the rated blocking voltage.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
2.0
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Peak off state current (2)
(VD = rated VDRM, gate open)
TC = 25°C
TC = 115°C
IDRM
-
-
-
-
0.1
0.5
mA
Peak on-state voltage(2)
(ITM = 14A peak, pulse width = 1ms, duty cycle ≤ 2%)
VT
-
-
1.65
Volts
Critical rate of rise of off-state voltage(2)
(Rated VDRM, gate open, exponential waveform, TC = 100°C)
dv/dt
-
50
-
V/µs
Critical rate of rise of commutating off-state voltage (2)
(IT(RMS) = Rated RMS on state current, VD = VDRM, gate open,
commutating di/dt = 5.4A/ms, TC = 78.5°C)
dv/dt(c)
4
-
-
V/µs
Gate trigger current (3)
(VD = 12V), trigger mode
MT2(+), G(+),RL = 100Ω
MT2(-), G(-), RL = 100Ω
MT2(+), G(-), RL = 50Ω
MT2(+), G(+), RL = 50Ω, TC = -40°C
MT2(-), G(-), RL = 50Ω, TC = -40°C
MT2(+), G(-), RL = 25Ω, TC = -40°C
IGT
-
-
-
-
-
-
-
-
-
-
-
-
50
50
50
80
80
80
mA


Similar Part No. - SC245

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SC245 NJSEMI-SC245 Datasheet
228Kb / 4P
Hermetic Triacs
SC245 NJSEMI-SC245 Datasheet
228Kb / 4P
Hermetic Triacs
logo
Semtech Corporation
SC2450 SEMTECH-SC2450 Datasheet
1Mb / 20P
BI-Phase/Dual Controller
SC2450EVB SEMTECH-SC2450EVB Datasheet
1Mb / 20P
BI-Phase/Dual Controller
SC2450EVB SEMTECH-SC2450EVB Datasheet
1Mb / 21P
BI-Phase/Dual Controller
More results

Similar Description - SC245

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
THYRISTOR / DIODE and THYRISTOR / THYRISTOR
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com