Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF11NM50N Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF11NM50N
Description  N-channel 500 V, 0.4, 8.5 A MDmesh II Power MOSFET in DPAK, TO-220FP and TO-220
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11NM50N Datasheet(HTML) 3 Page - STMicroelectronics

  STF11NM50N Datasheet HTML 1Page - STMicroelectronics STF11NM50N Datasheet HTML 2Page - STMicroelectronics STF11NM50N Datasheet HTML 3Page - STMicroelectronics STF11NM50N Datasheet HTML 4Page - STMicroelectronics STF11NM50N Datasheet HTML 5Page - STMicroelectronics STF11NM50N Datasheet HTML 6Page - STMicroelectronics STF11NM50N Datasheet HTML 7Page - STMicroelectronics STF11NM50N Datasheet HTML 8Page - STMicroelectronics STF11NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STD11NM50N, STF11NM50N, STP11NM50N
Electrical ratings
Doc ID 17156 Rev 3
3/16
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
DPAK
TO-220FP
VDS
Drain-source voltage (VGS = 0)
500
V
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
8.5
8.5 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100 °C
6
6 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
34
34(1)
A
PTOT
Total dissipation at TC = 25 °C
70
70
25
W
dv/dt (3)
3.
ISD ≤ 8.5 A, di/dt ≤ 400 A/µs, VPeak < V(BR)DSS,VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TO-220
DPAK
TO-220FP
Rthj-case Thermal resistance junction-case max
1.79
5
°C/W
Rthj-amb Thermal resistance junction-ambient max
62.5
62.5
°C/W
Rthj-pcb
Thermal resistance junction-pcb max(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
50
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
300
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetetive or not repetetive(1)
1.
Pulse width limited by TJMAX.
3A
EAS
Single pulse avalanche energy (2)
2.
Starting Tj = 25 °C, ID = IAR, VDD = 50 V.
150
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com