Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMXD2004TO Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMXD2004TO
Description  SUPERminiTM TRIPLE ISOLATED OPPOSING SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMXD2004TO Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMXD2004TO Datasheet HTML 1Page - Central Semiconductor Corp CMXD2004TO Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Continuous Reverse Voltage
VR
240
V
Peak Repetitive Reverse Voltage
VRRM
300
V
Peak Repetitive Reverse Current
IO
200
mA
Continuous Forward Current
IF
225
mA
Peak Repetitive Forward Current
IFRM
625
mA
Forward Surge Current, tp=1
µsIFSM
4000
mA
Forward Surge Current, tp=1 s
IFSM
1000
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=240V
100
nA
IR
VR=240V, TA=150°C
100
µA
BVR
IR=100µA
300
V
VF
IF=100mA
1.0
V
CT
VR=0, f=1 MHz
5.0
pF
trr
IF=IR=30mA, Rec. To 3.0mA, RL=100Ω
50
ns
CMXD2004TO
SUPERminiTM
TRIPLE ISOLATED OPPOSING
SURFACE MOUNT
HIGH VOLTAGE SWITCHING DIODE
SOT 26 CASE
Central
Semiconductor Corp.
TM
R0 ( 29-November 2001)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR
CMXD2004TO consists of three (3) Isolated
High Voltage Silicon Switching Diodes arranged
in an alternating configuration in a SUPERmini
SOT-26 surface mount package, designed for
high voltage switching applications. This device
can be configured as a 900V switching diode.
See optional mounting pad configuration.
Marking code is X04TO.


Similar Part No. - CMXD2004TO

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXD2004TO CENTRAL-CMXD2004TO_10 Datasheet
496Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED OPPOSING HIGH VOLTAGE SILICON SWITCHING DIODES
CMXD2004TO CENTRAL-CMXD2004TO_15 Datasheet
496Kb / 2P
HIGH VOLTAGE SILICON SWITCHING DIODES
More results

Similar Description - CMXD2004TO

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDD4448 CENTRAL-CMDD4448 Datasheet
116Kb / 2P
SUPERminiTM HIGH SPEED SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001 Datasheet
117Kb / 2P
SUPERminiTM SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
CMXD2004 CENTRAL-CMXD2004 Datasheet
224Kb / 2P
SUPER-MINI TRIPLE ISOLATED SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
CMXD4448 CENTRAL-CMXD4448 Datasheet
224Kb / 2P
SUPER-MINI TRIPLE ISOLATED SURFACE MOUNT HIGH SPEED SWITCHING DIODE
CMLD4448DO CENTRAL-CMLD4448DO_10 Datasheet
582Kb / 2P
SURFACE MOUNT DUAL, ISOLATED, OPPOSING HIGH SPEED SILICON SWITCHING DIODES
CMXD2004 CENTRAL-CMXD2004_10 Datasheet
557Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED HIGH VOLTAGE SILICON SWITCHING DIODES
CMXD2004TO CENTRAL-CMXD2004TO_10 Datasheet
496Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED OPPOSING HIGH VOLTAGE SILICON SWITCHING DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO_10 Datasheet
498Kb / 2P
SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
CMXD3003TO CENTRAL-CMXD3003TO Datasheet
495Kb / 2P
SURFACE MOUNT TRIPLE ISOLATED OPPOSING LOW LEAKAGE SILICON SWITCHING DIODES
CMXZ2V4TO CENTRAL-CMXZ2V4TO_15 Datasheet
498Kb / 2P
SURFACE MOUNT, TRIPLE, ISOLATED OPPOSING SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com