Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP31N65M5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP31N65M5
Description  N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP31N65M5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP31N65M5 Datasheet HTML 2Page - STMicroelectronics STP31N65M5 Datasheet HTML 3Page - STMicroelectronics STP31N65M5 Datasheet HTML 4Page - STMicroelectronics STP31N65M5 Datasheet HTML 5Page - STMicroelectronics STP31N65M5 Datasheet HTML 6Page - STMicroelectronics STP31N65M5 Datasheet HTML 7Page - STMicroelectronics STP31N65M5 Datasheet HTML 8Page - STMicroelectronics STP31N65M5 Datasheet HTML 9Page - STMicroelectronics STP31N65M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical characteristics STB31N65M5, STF31N65M5, STFI31N65M5, STP31N65M5, STW31N65M5
6/25
DocID022848 Rev 3
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
t
d (v)
t
r (v)
t
f (i)
t
c(off)
Voltage delay time
Voltage rise time
Current fall time
Crossing time
V
DD
= 400 V, I
D
= 14 A,
R
G
= 4.7
Ω, V
GS
= 10 V
(see
Figure 21 and
Figure 24)
-
46
8
8.5
11
-
ns
ns
ns
ns
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
SD
I
SDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current (pulsed)
-
22
88
A
A
V
SD
(2)
2.
Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 22 A, V
GS
= 0
-
1.5
V
t
rr
Q
rr
I
RRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
I
SD
= 22 A, di/dt = 100 A/μs
V
DD
= 100 V (see
Figure 21)
-
336
5
30
ns
μC
A
t
rr
Q
rr
I
RRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
I
SD
= 22 A, di/dt = 100 A/μs
V
DD
= 100 V, T
j
= 150 °C
(see
Figure 21)
-
406
6
31
ns
μC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com