Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5CSXFC6D Datasheet(PDF) 32 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 32 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 27Page - Altera Corporation 5CSXFC6D Datasheet HTML 28Page - Altera Corporation 5CSXFC6D Datasheet HTML 29Page - Altera Corporation 5CSXFC6D Datasheet HTML 30Page - Altera Corporation 5CSXFC6D Datasheet HTML 31Page - Altera Corporation 5CSXFC6D Datasheet HTML 32Page - Altera Corporation 5CSXFC6D Datasheet HTML 33Page - Altera Corporation 5CSXFC6D Datasheet HTML 34Page - Altera Corporation 5CSXFC6D Datasheet HTML 35Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Power Management
Leveraging the FPGA architectural features, process technology advancements, and transceivers that are
designed for power efficiency, the Cyclone V devices consume less power than previous generation Cyclone
FPGAs:
• Total device core power consumption—less by up to 40%.
• Transceiver channel power consumption—less by up to 50%.
Additionally, Cyclone V devices contain several hard IP blocks that reduce logic resources and deliver
substantial power savings of up to 25% less power than equivalent soft implementations.
Document Revision History
Changes
Version
Date
• Corrected single or dual-core ARM Cortex-A9 MPCore processor-up
to 925 MHz from 800 MHz.
• Removed "Preliminary" texts from Ordering Code figures, Maximum
Resources, Package Plan and I/O Vertical Migration tables.
• Removed the note "The number of GPIOs does not include transceiver
I/Os. In the Quartus II software, the number of user I/Os includes
transceiver I/Os." for GPIOs in the Maximum Resource Counts table
for Cyclone V E and SE.
• Added link to Altera Product Selector for each device variant.
2014.12.26
December 2013
• Updated Embedded Hard IPs for Cyclone V GT devices to indicate
Maximum 2 hard PCIe and 2 hard memory controllers.
• Added leaded package options.
• Removed the note "The number of PLLs includes general-purpose
fractional PLLs and transceiver fractional PLLs." for all PLLs in the
Maximum Resource Counts table.
• Corrected max LVDS counts for transmitter and receiver for Cyclone V
E A5 device from 84 to 60.
• Corrected max LVDS counts for transmitter and receiver for Cyclone V
E A9 device from 140 to 120.
• Corrected variable-precision DSP block, 27 x 27 multiplier, 18 x 18
multiplier adder mode and 18 x 18 multiplier adder summed with 36
bit input for Cyclone V SE devices from 58 to 84.
• Corrected 18 x 18 multiplier for Cyclone V SE devices from 116 to 168.
• Corrected 9 x 9 multiplier for Cyclone V SE devices from 174 to 252.
• Corrected LVDS transmitter for Cyclone V SE A2 and A4 as well as SX
C2 and C4 devices from 31 to 32.
• Corrected LVDS receiver for Cyclone V SE A2 and A4 as well as SX C2
and C4 devices from 35 to 37.
• Corrected transceiver speed grade for Cyclone V ST devices ordering
code from 4 to 5.
Cyclone V Device Overview
Altera Corporation
Send Feedback
CV-51001
Power Management
32
2013.12.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com