Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL062 Datasheet(PDF) 6 Page - Motorola, Inc

Part # TL062
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL062 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button TL062 Datasheet HTML 2Page - Motorola, Inc TL062 Datasheet HTML 3Page - Motorola, Inc TL062 Datasheet HTML 4Page - Motorola, Inc TL062 Datasheet HTML 5Page - Motorola, Inc TL062 Datasheet HTML 6Page - Motorola, Inc TL062 Datasheet HTML 7Page - Motorola, Inc TL062 Datasheet HTML 8Page - Motorola, Inc TL062 Datasheet HTML 9Page - Motorola, Inc TL062 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TL062 TL064
6
MOTOROLA ANALOG IC DEVICE DATA
VCC = +15 V
VEE = –15 V
RS = 100 Ω
TA = 25°C
+PSR = 20Log
∆VO/ADM
∆VCC
–PSR = 20Log
∆VO/ADM
∆VEE
+PSR (
∆VCC = ±1.5 V)
–PSR (
∆VEE = ±1.5 V)
VCC = +15 V
VEE = –15 V
TA = 25°C
VCC
VEE
ADM
–
+
∆VO
Figure 13. Power Supply Rejection
versus Frequency
Figure 14. Normalized Gain Bandwidth
Product, Slew Rate and Phase
Margin versus Temperature
Figure 15. Input Bias Current
versus Temperature
Figure 16. Input Noise Voltage
versus Frequency
Figure 17. Small Signal Response
Figure 18. Large Signal Response
f, FREQUENCY (Hz)
100
1.0 k
10 k
100 k
1.0 M
TA, AMBIENT TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
Phase Margin
Slew Rate
TA, AMBIENT TEMPERATURE (°C)
–55
–25
0
25
50
75
100
125
VCC = +15 V
VEE = –15 V
VCM = 0 V
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
t, TIME (0.5
µs/DIV)
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 0 pF
AV = +1.0
t, TIME (2.0
µs/DIV)
GBW
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 0 pF
AV = +1.0
140
120
100
80
60
40
20
0
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
0.001
0.01
0.1
1.0
10
100
1000
0
10
20
30
40
50
60
70
1.08
1.06
1.04
1.02
1.0
0.98
0.96
0.94
0.92
VCC = +15 V
VEE = –15 V
RL = 10 kΩ
CL = 0 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com