Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSHD6-60C Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CSHD6-60C
Description  SCHOTTKY RECTIFIER DUAL,COMMON CATHODE 6.0 AMPS, 60 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHD6-60C Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CSHD6-60C Datasheet HTML 1Page - Central Semiconductor Corp CSHD6-60C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Central
Central
Central
Central
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
Semiconductor Corp.
TM
262
CSHD6-60C
SCHOTTKY RECTIFIER
DUAL,COMMON CATHODE
6.0 AMPS, 60 VOLTS
DPAK CASE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR
CSHD6-60C is a Silicon Schottky Rectifier
designed for surface mount fast switching
applications requiring a low forward voltage
drop.
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
60
V
Average Rectified Forward Current (TC=120°C)
IO
3.0
A
RMS Forward Current
IF(RMS)
6.0
A
Peak Forward Surge Current (tp=10ms)
IFSM
50
A
Peak Repetitive Reverse Surge Current (tp=2
µs)
IRRM
1.0
A
Critical Rate of Rise of Reverse Voltage
dV/dt
1000
V/
µs
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance, Per Diode
ΘJC
3.5
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
IR
VR=60V
30
µA
IR
VR=60V, TC=125°C
10
mA
VF
IF=3.0A
0.65
V
VF
IF=3.0A, TC=125°C
0.59
V
NEW
DPAK
!


Similar Part No. - CSHD6-60C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD6-60C CENTRAL-CSHD6-60C_10 Datasheet
424Kb / 2P
SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS 6 AMP
CSHD6-60C CENTRAL-CSHD6-60C_15 Datasheet
498Kb / 2P
SURFACE MOUNT SILICON DUAL, COMMON CATHODE
More results

Similar Description - CSHD6-60C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CSHD6-100C CENTRAL-CSHD6-100C Datasheet
72Kb / 2P
SCHOTTKY RECTIFIER DUAL,COMMON CATHODE 6.0 AMPS, 100 VOLTS HIGH VOLTAGE
CSHD6-40C CENTRAL-CSHD6-40C Datasheet
140Kb / 2P
SCHOTTKY RECTIFIER DUAL,COMMON CATHODE 6.0 AMPS, 40 VOLTS
CUD6-02C CENTRAL-CUD6-02C Datasheet
139Kb / 2P
ULTRA FAST RECOVERY RECTIFIER DUAL, COMMON CATHODE 6.0 AMPS, 200 VOLTS
logo
Microsemi Corporation
1N6842 MICROSEMI-1N6842 Datasheet
209Kb / 2P
60 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
Dual Common-Cathode Schottky Rectifier
21-Nov-12
MBR25H35CT VISHAY-MBR25H35CT Datasheet
160Kb / 5P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
Dual Common-Cathode Schottky Rectifier
19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
logo
Microsemi Corporation
1N6842U3 MICROSEMI-1N6842U3 Datasheet
70Kb / 2P
60 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com