Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA4021 Datasheet(PDF) 1 Page - Sanken electric

Part # SMA4021
Description  PNP Darlington With built-in flywheel diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA4021 Datasheet(HTML) 1 Page - Sanken electric

  SMA4021 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
123
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
SMA4021
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
–60
V
VCEO
–60
V
VEBO
–6V
IC
–3A
ICP
–6 (PW
≤1ms, Du≤50%)
A
IB
–0.5
A
IF
–6 (PW
≤0.5ms, Du≤25%)
A
IFSM
–8 (PW
≤10ms, Single pulse)
A
VR
100
V
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
–10
µAVCB=–60V
IEBO
–10
mA
VEB=–6V
VCEO
–60
V
IC=–10mA
hFE
2000
5000
12000
VCE=–4V, IC=–2A
VCE(sat)
–1.5
V
VBE(sat)
–2.0
V
PT
W
IC=–2A, IB=–4mA
(Ta=25
°C)
Symbol
Unit
Conditions
VR
100
V
IR=10
µA
VF
1.2
V
IF=1A
IR
10
µAVR=100V
trr
100
ns
IF=
±100mA
Specification
min
typ
max
Specification
min
typ
max
R1: 2k
Ω typ R2: 150Ω typ
23
4
R1 R2
5
6
1
910
11
12
7
8
–6
–4
–2
0
0
–1
–2
–3
–4
–5
–6
–0.8mA
–1.0mA
–1.2m
A
–1.5m
A
–1.8m
A
VCE (V)
–0.9mA
–0.03
10000
5000
1000
500
100
50
–0.05 –0.1
–0.5
–1
–5 –6
typ
(VCE=–4V)
IC (A)
–0.03
10000
5000
1000
500
100
50
–0.05 –0.1
–0.5
–1
–5 –6
T
a=125
˚C
–30
˚C
75˚C
25˚C
(VCE=–4V)
IC (A)
–3
–1
0
–0.5
–1
–5 –6
–2
Ta=–30
°C
25
°C
125°C
75
°C
(IC / IB=1000)
IC (A)
IC=–4A
–3
–0.2
–0.5 –1
–5
–10
–50
–2
–1
0
–100
IC=–2A
IC=–1A
IB (mA)
–6
–4
–2
0
0
–1
–2
–3
–1
–3
–5
75
°C
25
°C
(VCE=–4V)
VBE (V)
20
10
5
1
0.5
1
5
10
50
100
500 1000
PW (mS)
20
15
10
5
0
–40
0
50
100
150
Ta (
°C)
Without Heatsink
–10
–0.1
–0.03
–5
–1
–0.5
–0.05
–5
–3
–10
–50
–100
100
µ
s
Single Pulse
Without Heatsink
Ta=25
°C
VCE (V)
PNP Darlington
With built-in flywheel diode
External dimensions
B • • • SMA
Absolute maximum ratings
Electrical characteristics
sEquivalent circuit diagram
qDiode for flyback voltage absorption


Similar Part No. - SMA4021

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA4021 SANKEN-SMA4021 Datasheet
23Kb / 1P
PNP Darlington With built-in flywheel diode
SMA4021 SANKEN-SMA4021_01 Datasheet
38Kb / 1P
PNP Darlington With built-in flywheel diode
More results

Similar Description - SMA4021

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA4071 SANKEN-SLA4071 Datasheet
23Kb / 1P
PNP Darlington With built-in flywheel diode
SMA4021 SANKEN-SMA4021 Datasheet
23Kb / 1P
PNP Darlington With built-in flywheel diode
logo
List of Unclassifed Man...
SMA4036 ETC-SMA4036 Datasheet
37Kb / 1P
NPN Darlington With built-in flywheel diode
logo
Sanken electric
SLA4041 SANKEN-SLA4041_06 Datasheet
38Kb / 1P
NPN Darlington With built-in flywheel diode
SLA4071 SANKEN-SLA4071_06 Datasheet
38Kb / 1P
PNP Darlington With built-in flywheel diode
SMA4021 SANKEN-SMA4021_01 Datasheet
38Kb / 1P
PNP Darlington With built-in flywheel diode
SLA4031 SANKEN-SLA4031 Datasheet
38Kb / 1P
NPN Darlington With built-in flywheel diode
SLA4041 SANKEN-SLA4041 Datasheet
38Kb / 1P
NPN Darlington With built-in flywheel diode
SLA4071 SANKEN-SLA4071 Datasheet
38Kb / 1P
PNP Darlington With built-in flywheel diode
SMA4033 SANKEN-SMA4033 Datasheet
38Kb / 1P
NPN Darlington With built-in flywheel diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com