Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSC84LZ281P Datasheet(PDF) 1 Page - OptoSupply International

Part # OSC84LZ281P
Description  Deluxe Power Super Flux Baby Pink LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSC84LZ281P Datasheet(HTML) 1 Page - OptoSupply International

  OSC84LZ281P Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
D
De
ellu
ux
xe
e P
Po
ow
we
er
r S
Su
up
pe
er
r F
Fllu
ux
x B
Ba
ab
by
y P
Piin
nk
k
L
LE
ED
D
OSC84LZ281P
■
Features
■
Outline Dimension
●
High Luminous LEDs
●
5 ø Standard Directivity
●
Long Lifetime Operation
●
Superior Weather-resistance
●
Water Clear Type
■
Applications
●
Backlighting (switches, keys, displays,
illuminated advertising etc.)
●
Substitution of Micro Incandescent Lamps
●
Reading Lamps / Emergency Lighting
●
Marker lights (e.g. steps, exit ways, etc.)
●
Other Lighting
0.76+0.1
2
5.08+0.2
1.5+0.1
5.08+0.3
23
1,4 Anode
2,3 Cathode
Unit:mm
Tolerance:+0.3mm
7.62
5.0
■
Absolute Maximum Rating
(Ta=25℃)
■
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
108
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
30°
0.5
90°
60°
0
0
0.5
30°
60°
90°
11
■
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=30mA
2.8
3.1
3.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Luminous Flux
Φ
v
IF=30mA
5.0
5.7
-
lm
x
IF=30mA
-
0.356
-
Chromaticity
Coordinates*
y
IF=30mA
-
0.208
-
50% Power Angle
2θ1/2
IF=30mA
-
80
-
deg
*1 Luminous Flux Measurement allowance is ±15%
*2 Chromaticity Coordinates Measurement allowance is ±10%
LED & Application Technologies


Similar Part No. - OSC84LZ281P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSC84L3131A OPTOSUPPLY-OSC84L3131A Datasheet
124Kb / 1P
3mm Round Baby Piink SMD LED
OSC84L5111A OPTOSUPPLY-OSC84L5111A Datasheet
114Kb / 1P
5mm Round Baby Piink SMD LED
OSC84LS1C1A OPTOSUPPLY-OSC84LS1C1A Datasheet
90Kb / 1P
3.5x2.8x1.9mm Baby Pink SMD LED
More results

Similar Description - OSC84LZ281P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5DAZ3K1D OPTOSUPPLY-OSK5DAZ3K1D Datasheet
98Kb / 1P
Super Flux Pink LED
OSK5DLZ2C1D OPTOSUPPLY-OSK5DLZ2C1D Datasheet
102Kb / 1P
Super Flux Pink LED
OSK5DLZ2C1P OPTOSUPPLY-OSK5DLZ2C1P Datasheet
100Kb / 1P
Super Flux Pink LED
OSK5DLZ3K1D OPTOSUPPLY-OSK5DLZ3K1D Datasheet
99Kb / 1P
Super Flux Pink LED
OSK5DLZ161D OPTOSUPPLY-OSK5DLZ161D Datasheet
117Kb / 2P
Super Flux Pink LED
OSK57LZ2C1D OPTOSUPPLY-OSK57LZ2C1D Datasheet
156Kb / 1P
Super Flux Pink LED
OSK57LZ161P OPTOSUPPLY-OSK57LZ161P Datasheet
154Kb / 1P
Deluxe Power Super Flux Pink LED
OSK57LZB11D OPTOSUPPLY-OSK57LZB11D Datasheet
155Kb / 1P
Super Flux Pink LED
OSK57LZHA1D OPTOSUPPLY-OSK57LZHA1D Datasheet
155Kb / 1P
Super Flux Pink LED
OS6OGAZ2C1P OPTOSUPPLY-OS6OGAZ2C1P Datasheet
113Kb / 1P
Deluxe Power Super Flux Salmon Pink
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com