Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA6010 Datasheet(PDF) 1 Page - Sanken electric

Part # SMA6010
Description  PNP NPN Darlington 3-phase motor drive
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6010 Datasheet(HTML) 1 Page - Sanken electric

  SMA6010 Datasheet HTML 1Page - Sanken electric SMA6010 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
144
NPN
PNP
NPN
NPN
PNP
PNP
NPN
PNP
IC-VCE Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
Characteristic curves
SMA6010
R3
R4
2
8
9
1
3
4
R1
7
6
10
11
5
12
R2
R1: 3k
Ω typ R2: 200Ω typ R3: 2kΩ typ R4: 150Ω typ
(Ta=25
°C)
Symbol
Unit
VCBO
60
–60
V
VCEO
60
–60
V
VEBO
6
–6V
IC
4
–4A
ICP
6 (PW
≤1ms, Du≤50%)
–6 (PW
≤1ms, Du≤50%)
A
IB
0.5
–0.5
A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
θ j–c
6.25
°C/W
PT
W
Ratings
NPN
PNP
6
4
2
0
02
46
VCE (V)
IB=4.0mA
2.0mA
1.2mA
0.8mA
0.6mA
0.5mA
0.4mA
20000
0.03
(VCE=4V)
IC (A)
10000
5000
1000
500
100
50
0.05 0.1
0.5
1
5 6
typ
20000
0.03
(VCE=4V)
IC (A)
10000
5000
1000
500
100
50
0.05 0.1
0.5
1
5 6
Ta
=125
°C
–30
°C
25
°C
75
°C
6
0
0
VBE (V)
5
4
3
2
1
12
3
(VCE=4V)
75
°C
25
°C
–6
–4
–2
0
0
–2
–4
–6
VCE (V)
–1.8mA
–1.5mA
–1.2mA
–1.0mA
–0.9mA
–0.8mA
IB=–2.2mA
20000
–0.03
(VCE=–4V)
IC (A)
10000
5000
1000
500
100
50
–0.05 –0.1
–0.5
–1
–5 –6
typ
20000
–0.03
(VCE=–4V)
IC (A)
10000
5000
1000
500
100
50
–0.05 –0.1
–0.5
–1
–5 –6
Ta
=125
°C
–30
°C
75
°C
25
°C
–6
0
0
VBE (V)
–5
–4
–3
–2
–1
–1
–2
–3
(VCE=–4V)
75
°C
25
°C
PNP + NPN Darlington
3-phase motor drive
External dimensions
B • • • SMA
Absolute maximum ratings
sEquivalent circuit diagram


Similar Part No. - SMA6010

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6010 SANKEN-SMA6010 Datasheet
33Kb / 2P
PNP NPN Darlington 3-phase motor drive
SMA6010 SANKEN-SMA6010_01 Datasheet
50Kb / 2P
PNP NPN Darlington 3-phase motor drive
More results

Similar Description - SMA6010

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA6012 SANKEN-SLA6012 Datasheet
30Kb / 2P
PNP NPN Darlington 3-phase motor drive
SLA6023 SANKEN-SLA6023 Datasheet
31Kb / 2P
PNP NPN Darlington 3-phase motor drive
logo
List of Unclassifed Man...
SMA6080 ETC1-SMA6080 Datasheet
36Kb / 2P
PNP NPN Darlington 3-phase motor drive
logo
Sanken electric
SLA6024 SANKEN-SLA6024_06 Datasheet
54Kb / 2P
PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026_06 Datasheet
45Kb / 2P
PNP NPN Darlington 3-phase motor drive
SMA6010 SANKEN-SMA6010_01 Datasheet
50Kb / 2P
PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
50Kb / 2P
PNP NPN Darlington 3-phase motor drive
SLA6022 SANKEN-SLA6022 Datasheet
45Kb / 2P
PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026 Datasheet
45Kb / 2P
PNP NPN Darlington 3-phase motor drive
SMA6080 SANKEN-SMA6080 Datasheet
40Kb / 2P
PNP NPN Darlington 3-phase motor drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com