Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56813 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 56813
Description  Electronic Diagonal Cutters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

56813 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  56813 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.wihatools.com
Wiha Quality Tools
125
Full Flush
Full Flush
#568 12
mm
Inch
Cut Capacity
Pkg.
wt.
118
4.5
0.8mm/20AWG
5
.13
Precision Electronic Diagonal Cutters, Narrow Shape
Extra narrow, short head for working in particularly restricted spaces.
Cutting edge - full flush. With return spring. C70 special tool steel. For
absolutely flush cutting of copper wires in difficult to access locations.
568 12
Electronic Diagonal Cutters
#568 13
mm
Inch
Cut Capacity
Pkg.
wt.
128
5.0
1.0mm/18AWG
5
.15
Precision Electronic Diagonal Full Flush Cutters With Wire
Trapping Spring Extra narrow, short head for working in particularly
restricted spaces. Cutting edge - full flush. With return spring. C70
special tool steel. For absolutely flush cutting of copper wires in difficult
to access locations.
568 13
Electronic Diagonal Cutters
#568 33
mm
Inch
Cut Capacity
Pkg.
wt.
138
5.5
1.3mm/16AWG
5
.15
Electronic Oblique 48O Cutter
Wide pointed head. Cutting edge - full flush. With cutting edge at
48O for cutting obliquely from above or from the side. C70 special
tool steel. For absolutely flush cutting of copper wires in difficult to
access locations.
568 33
Electronic Oblique 48O Cutter
#568 01
mm
Inch
Pkg.
wt.
138
5.5
5
.15
Electronic Short Nose Precision Pliers
Narrow, short head. Smooth jaws. Width at tip is only 1.2mm.
C70 special tool steel. For holding small components as well as for
holding and angling wires.
568 01
Electronic Pointed Pliers
#568 30
mm
Inch
Cut Capacity
Pkg.
wt.
118
4.5
0.6mm/22AWG
5
.13
Electronic Narrow 30O Front Cutter / Long Nose Pliers
Extremely narrow, short head for working in particularly restricted
spaces. Cutting edge - full flush. Edge at 30O to face end of pliers
for cutting obliquely from above or form the side. C70 special tool
steel. For absolutely flush cutting of copper wires in difficult to
access locations.
568 30
Narrow Front Cutter/Long Nose Pliers
Full Flush
Full Flush
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 56813

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5681 ALPHAWIRE-5681 Datasheet
412Kb / 4P
26 (7/34) AWG Tinned Copper
logo
Adafruit Industries
5681 ADAFRUIT-5681 Datasheet
930Kb / 3P
ADAFRUIT ATTINY816 BREAKOUT WITH SEESAW - STEMMA QT / QWIIC
logo
Cooper Bussmann, Inc.
5681-08 COOPER-5681-08 Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
5681-15-R COOPER-5681-15-R Datasheet
83Kb / 1P
Fuse Clips with Mounting Holes
logo
Aavid, Thermal Division...
568103B00000 AAVID-568103B00000 Datasheet
87Kb / 2P
For use with TO-3 packages
2/25/2003
More results

Similar Description - 56813

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8130 ETC1-8130 Datasheet
30Kb / 1P
Diagonal cutters oval
T2231 ETC1-T2231 Datasheet
145Kb / 2P
Pipe cutters
logo
ebm-papst
DV6224 EBMPAPST-DV6224 Datasheet
328Kb / 2P
DC diagonal fan
logo
List of Unclassifed Man...
169-6510 ETC2-169-6510 Datasheet
34Kb / 1P
Electronic Professional Side Cutters
32695 ETC2-32695 Datasheet
217Kb / 1P
Wiha Vinyl Grip Pliers & Cutters
T123500 ETC2-T123500 Datasheet
344Kb / 2P
Pad Cutters, Insertion Tools
W11800 ETC2-W11800 Datasheet
224Kb / 7P
Hydraulic Rod and Bar Cutters
logo
ebm-papst
DV63182TDH5P EBMPAPST-DV63182TDH5P Datasheet
569Kb / 4P
DC diagonal fan
DV63182TDH4P EBMPAPST-DV63182TDH4P Datasheet
240Kb / 4P
DC diagonal fan
logo
PHOENIX CONTACT
MICROFOX-SP PHOENIX-MICROFOX-SP Datasheet
49Kb / 2P
Electronic diagonal cutter, tapered head, angled (21째), without chamfer, with opening spring
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com