Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXT4033 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CXT4033
Description  SURFACE MOUNT PNP SILICON TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CXT4033 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CXT4033 Datasheet HTML 1Page - Central Semiconductor Corp CXT4033 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
1.0
A
Collector Current (Peak)
ICM
1.5
A
Power Dissipation
PD
1.2
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
104
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=60V
50
nA
IEBO
VEB=5.0V
10
nA
BVCBO
IC=10µA80
V
BVCEO
IC=10mA
80
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=150mA, IB=15mA
0.15
V
VCE(SAT)
IC=500mA, IB=50mA
0.50
V
VBE(SAT)
IC=150mA, IB=15mA
0.90
V
VBE(SAT)
IC=500mA, IB=50mA
1.10
V
hFE
VCE=5.0V, IC=0.1mA
75
hFE
VCE=5.0V, IC=100mA
100
300
hFE
VCE=5.0V, IC=500mA
70
hFE
VCE=5.0V, IC=1.0A
25
fT
VCE=10V, IC=50mA, f=1.0MHz
100
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
20
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
110
pF
CXT4033
SURFACE MOUNT
PNP SILICON TRANSISTORS
SOT-89 CASE
Central
Semiconductor Corp.
TM
R3 ( 20-December 2001)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CXT4033
type is an PNP silicon transistor manufactured by
the epitaxial planar process, epoxy molded in a
surface mount package, designed for high current
general purpose amplifier applications.


Similar Part No. - CXT4033

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT4033 CENTRAL-CXT4033_10 Datasheet
289Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CXT4033 CENTRAL-CXT4033_15 Datasheet
289Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
More results

Similar Description - CXT4033

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT2907A CENTRAL-CMLT2907A Datasheet
95Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMST5086 CENTRAL-CMST5086 Datasheet
115Kb / 2P
SURFACE MOUNT SUPERmini PNP SILICON TRANSISTORS
CMKT2907A CENTRAL-CMKT2907A_10 Datasheet
499Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMLT2907A CENTRAL-CMLT2907A_10 Datasheet
581Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_10 Datasheet
557Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
logo
Leshan Radio Company
LMUN2110LT1G LRC-LMUN2110LT1G_15 Datasheet
388Kb / 16P
PNP Silicon Surface Mount Transistors
logo
Central Semiconductor C...
CMKT2907A CENTRAL-CMKT2907A_15 Datasheet
499Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT2907A CENTRAL-CMXT2907A_15 Datasheet
556Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
CMXT3906 CENTRAL-CMXT3906_15 Datasheet
557Kb / 2P
SURFACE MOUNT DUAL PNP SILICON TRANSISTORS
logo
Yea Shin Technology Co....
MUN2110 YEASHIN-MUN2110 Datasheet
924Kb / 8P
PNP Silicon Surface Mount Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com