Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

49640 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 49640
Description  Professional Quality Tweezers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

49640 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  49640 Datasheet HTML 1Page - List of Unclassifed Manufacturers 49640 Datasheet HTML 2Page - List of Unclassifed Manufacturers 49640 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
Germany
168
Item No.
Description
wt.
493 81
2 SA - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Reduced Body to Medium Point
Item No.
Description
wt.
498 79
4L SA - 140mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Very Fine Points Bent & Tapered Long
Item No.
Description
wt.
493 82
F SA - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Flat and Broad Tips 3mm Wide
Item No.
Description
wt.
493 83
3 SA - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Fine Points for Assembly
Item No.
Description
wt.
493 84
AA SA - 130mm
.09
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Universal Fine Points Tweezers
Item No.
Description
wt.
493 85
PSF SA - 125mm
.09
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Blunt Tips - 1.0mm Wide Serrated
Item No.
Description
wt.
493 88
GG SA - 130mm
.09
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Strong, Long Tapered Fine Tips
Item No.
Description
wt.
493 87
SS SA - 140mm
.07
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Long Narrow Body Low Force
Item No.
Description
wt.
494 87
SSL SA - 160mm
.10
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Longer Narrow Body Low Force
Item No.
Description
wt.
496 40
Fb SA - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Bent Flat & Broad Tips 3mm Wide
Item No.
Description
wt.
497 83
3c SA - 110mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Fine Round Points Shorter
Item No.
Description
wt.
497 79
4 SA - 110mm
.08
Stainless steel, anti-magnetic and acid resistant.
Brushed finish tweezers made from Vommaloy.
Very Fine Round Points &
Tapered To Tip
Item No.
Description
wt.
494 78
2a SA T - 120mm
.08
Stainless steel, anti-magnetic and acid resistant.
Teflon finish tweezers made from Vommaloy.
Flat Round Tip Smooth Sides
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com