Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54816 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 54816
Description  Two-Way Splice Connectors - Standard Barrel 600V to 35KV
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

54816 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  54816 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Connectors for Copper Conductor
Compression
WIRE SIZE
DIMENSIONS (IN.)
CAT. NO.
CODE
FLEX CLASS G, H, I, K, M
†
A
E
DIE CODE
DIE COLOR
54504
#8 AWG
37/24 = 14.9 kcmil, #8 Weld
1.00
.27
21
RED
54505
#6 AWG
61/24 = 24.6 kcmil, #6 Weld, 133/.014
1.00
.30
24
BLUE
54506
#4 AWG
91/24 = 36.7 kcmil, 133/.0177, 49/.029
1.00
.37
29
GRAY
54507
#2 AWG
125/24 = 50.4 kcmil, #4 Weld
1.25
.41
33
BROWN
54508
#1 AWG
150/24 = 60.5 kcmil, 175/24 = 70.6 kcmil, #2 Weld, 133/.0223
1.50
.47
37
GREEN
54509
1/0 AWG
225/24 = 90.8 kcmil, #1 Weld, 133/.0254
1.63
.52
42
PINK
54510
2/0 AWG
275/24 = 111 kcmil, 1/0 Weld, 427/.0155, 133/.0282
1.75
.57
45
BLACK
54511
3/0 AWG
325/24 = 131kcmil, 2/0 Weld, 133/.0316, 259/.0227, 427/.0177
1.75
.63
50
ORANGE
53962
375/24 = 179 kcmil, 133/.0355, 259/.0255, 427/.0199
1.81
.70
50
ORANGE
54512
4/0 AWG
450/24 = 182 kcmil, 3/0 Weld, 703/.0154
1.88
.70
54
PURPLE
54513
250 kcmil
2.25
.77
62
YELLOW
53964
550/24 = 222 kcmil, 4/0 Weld, 133/.0399, 259/.0286, 637/.0183
2.13
.79
62
YELLOW
54514
300 kcmil
—
2.13
.83
66
WHITE
54515
350 kcmil
—
2.25
.90
71
RED
54516
400 kcmil
—
2.75
.93
76
BLUE
53968
1100/24 = 444 kcmil, 500 Weld, 259/.0417, 427/.0325, 703/.0253
3.00
1.13
87
BROWN
54518
500 kcmil
—
2.75
1.11
87
BROWN
54520
600 kcmil
—
3.00
1.18
94
GREEN
54522-TB
700 kcmil
—
3.25
1.23
99
PINK
53969
1325/24 = 535 kcmil, 427/.0342
3.00
1.24
99
PINK
54523-TB
750 kcmil
—
3.00
1.30
106
BLACK
54528
1000 kcmil
—
3.63
1.50
125
N/A
54530
1250 kcmil
—
4.13
1.67
140
N/A
†
Contact Technical Services for specific stranding listings
Tooling: pp. B76–B92
Die Selector Chart: pp. B93–B95
Two-Way Splice Connectors — Long Barrel
600V to 35KV Applications
Material: High-Conductivity Wrought Copper
Finish: Electro Tin Plate
WIRE SIZE
DIMENSIONS (IN.)
DIE
DIE
CAT. NO. CODE
FLEX CLASS G, H, I, K, M
†
A
E
CODE
COLOR
54804
#8 AWG
37/24 = 14.9 kcmil
1.75
.27
21
RED
54805
#6 AWG
61/24 = 24.6 kcmil
1.75
.31
24
BLUE
54806
#4 AWG
91/24 = 36.7 kcmil
1.75
.39
29
GRAY
54807
#2 AWG
125/24 = 50.4 kcmil
1.88
.43
33
BROWN
150/24 = 60.5 kcmil,
54808
#1 AWG
175/24 = 70.6 kcmil
2.00
.49
37
GREEN
54809
1/0 AWG
225/24 = 90.8 kcmil
2.00
.54
42
PINK
54810
2/0 AWG
275/24 = 111 kcmil
2.13
.59
45
BLACK
54811
3/0 AWG
325/24 = 131 kcmil
2.25
.65
50
ORANGE
54812
4/0 AWG
450/24 = 182 kcmil
2.75
.72
54
PURPLE
54813 250 kcmil
550/24 = 222 kcmil
3.38
.79
62
YELLOW
†
Contact Technical Services for specific stranding listings
WIRE SIZE
DIMENSIONS (IN.)
DIE
DIE
CAT. NO. CODE
FLEX
A
E
CODE
COLOR
54814 300 kcmil
—
3.50
.87
66
WHITE
54815 350 kcmil
650/24 = 262 kcmil
3.75
.95
71
RED
54816 400 kcmil
775/24 = 313 kcmil
3.75
.98
76
BLUE
54818 500 kcmil
925/24 = 373 kcmil
4.75
1.11
87
BROWN
54820 600 kcmil
1100/24 = 444 kcmil
4.25
1.21
94
GREEN
54823 750 kcmil
1325/24 = 535 kcmil
4.75
1.34
106
BLACK
58524
1600/24 = 646 kcmil
5.00
1.39
106
BLACK
58526 900 kcmil
1925/24 = 777 kcmil
5.50
1.51
115
YELLOW
54828 1000 kcmil
—
5.63
1.56
125
N/A
54833 1500 kcmil
—
5.63
1.56
125
N/A
54839 2000 kcmil
—
7.06
2.125
–
N/A
Tooling: pp. B76–B92
Die Selector Chart: pp. B93–B95
E DIA.
Two-Way Splice Connectors —
Standard Barrel 600V to 35KV
Material: High-Conductivity Wrought Copper
Finish: Electro Tin Plate
Two-way connectors provide high pullout values, are easy to insulate and
provide a low-resistance connection of high quality and low installed cost.
A
E
A
B-39
United States
Tel: 901.252.8000
800.816.7809
Fax: 901.252.1354
Canada
Tel: 450.347.5318
Fax: 450.347.1976
Technical Services
Tel: 888.862.3289
www.tnb.com
tnb06_wrtrm_secb_p38_39
8/9/07
10:43 AM
Page B-39


Similar Part No. - 54816

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
548129 FESTO-548129 Datasheet
90Kb / 2P
End position controller
12/26/22
logo
MolexKits
54819-0519 MOLEXKITS-54819-0519 Datasheet
80Kb / 6P
Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
logo
Texas Instruments
54819-0519 TI1-54819-0519 Datasheet
7Mb / 36P
MSP-EXP430F5529 Experimenter Board
logo
MolexKits
54819-0519 MOLEXKITS-54819-0519 Datasheet
80Kb / 6P
Deluxe Audio Video Data Application Kit
logo
Intersil Corporation
54819-0519 INTERSIL-54819-0519 Datasheet
231Kb / 3P
USB to PMBus Adapter and Cable
September 29, 2014
More results

Similar Description - 54816

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
BS22 PANDUIT-BS22 Datasheet
61Kb / 1P
26-22 BARREL NON-INSULATED BUTT SPLICE
BSN22 PANDUIT-BSN22 Datasheet
42Kb / 1P
26-22 BARREL NYLON INSULATED BUTT SPLICE
LCD10-14A-L PANDUIT-LCD10-14A-L Datasheet
90Kb / 1P
COPPER LUG - TWO-HOLE, STANDARD BARREL
LCD8-14A-L PANDUIT-LCD8-14A-L Datasheet
92Kb / 1P
COPPER LUG - TWO-HOLE, STANDARD BARREL
LCDX8-14A-L PANDUIT-LCDX8-14A-L Datasheet
93Kb / 1P
COPPER LUG - TWO-HOLE, STANDARD FLEX BARREL
logo
Tyco Electronics
34227 MACOM-34227 Datasheet
45Kb / 1P
SPLICE, BUTT, STANDARD, BUDGET
logo
API Technologies Corp
4002 APITECH-4002 Datasheet
175Kb / 2P
TWO WAY, 1 TO 18 GHz
logo
PANDUIT CORP.
LCD6-14A-L PANDUIT-LCD6-14A-L Datasheet
92Kb / 1P
Cooper Lug - Two Hole, Standard Barrel
LCC350-12-X PANDUIT-LCC350-12-X Datasheet
96Kb / 1P
Copper Lug-Two-Hole, Long Barrel
LCD2-14A-Q PANDUIT-LCD2-14A-Q Datasheet
90Kb / 2P
Code Conductor, Two-Hole, Standard Barrel with Window Lug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com