| Electronic Components Datasheet Search |
|
P0640SC Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD |
|
|
|||||||||||||||||||||||||||||
P0640SC Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD |
|
1 / 7 page ![]() ShenZhen HuaXinAn Electronics Co.,Ltd (PXXX0SA PXXX0SB PXXX0SC) SIDACtor Protection Thyristors Package DO-214AA Description Fast Delivery Time Pxxx0SA,PXXX0SB,PXXX0SC Series SIDACtor Protection Thyristor protect telecommunications equipment such as ADSL Modems,Router, , Telephone, CCTV Camera,Digital Video Record,Video Capture Card,Twisted-pair video transmitter,CATV Splitter.....Etc. Pxxx0SA,PXXX0SB,PXXX0SC Series SIDACtor Protection Thyristor are used to enable equipment to meet various regulatory requirements including GR 1089, ITU K.20/21,IEC 61000-4-5, YD/T 1082,YD/T 993,YD/T 950,TIA-968-A ,TIA-968-B Features Compared to surge suppression using other technologies, Pxxx0SA,PXXX0SB,PXXX0SC Series devices offer absolute surge protection regardless of the surge current available and the rate of applied voltage (dv/dt). Pxxx0SA,PXXX0SB,PXXX0SC Series devices: • 100% Lead-Free(RoHs Compliant ) • Cannot be damaged by voltage • Eliminate hysteresis and heat dissipation typically found with clamping devices • Eliminate voltage overshoot caused by fast-rising transients • Are non-degenerative • Have low capacitance, making them ideal for high-speed transmission equipment Electrical Characteristics Parameter Definition VDRM Peak Off-state Voltage — maximum voltage that can be applied while maintaining off state VS Switching Voltage — maximum voltage prior to switching to on state IH Holding Current — minimum current required to maintain on state IS Switching Current — maximum current required to switch to on state IT On-state Current — maximum rated continuous on-state current VT On-state Voltage — maximum voltage measured at rated on-state current Capacitance Off-state Capacitance — typical capacitance measured in off state IDRM Leakage Current — maximum peak off-state current measured at VDRM IPP Peak Pulse Current — maximum rated peak impulse current ITSM Peak One-cycle Surge Current — maximum rated one-cycle AC current di/dt Rate of Rise of Current — maximum rated value of the acceptable rate of rise in current over time 1 Revised:February 25,2014 www.huaandz.com |
Similar Part No. - P0640SC |
|
Similar Description - P0640SC |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |